Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHSW-154-R

  • AI
    The **M2PHSW-154-R** is a high-performance **RF (Radio Frequency) PIN Diode Switch**, typically manufactured by companies like MACOM or similar specialists in microwave components. It is designed for high-power handling and fast switching in demanding wireless infrastructures. --- ### 1. Key Specifications and Features The following table summarizes the primary electronic characteristics of the M2PHSW-154-R: | Parameter | Typical Value / Description | |:---|:---| | **Component Type** | PIN Diode High Power Switch | | **Configuration** | SPDT (Single Pole Double Throw) | | **Frequency Range** | 0.05 GHz to 4.0 GHz (approx.) | | **Insertion Loss** | < 0.5 dB (at 2 GHz) | | **Isolation** | > 35 dB | | **Power Handling** | High CW and Peak Power (often > 50W) | | **Package Type** | Surface Mount (SMT) - Lead-free/RoHS compliant | --- ### 2. Functional Description The device operates using **PIN Diodes**, which act as variable resistors at RF frequencies. * **Switching Mechanism:** When forward-biased (DC current applied), the diode acts as a low-resistance path (ON state). When reverse-biased (voltage applied), it acts as a high-impedance path (OFF state). * **Asymmetric Design:** Many switches in this series are "asymmetrical," meaning one path is optimized for high-power handling (Antenna to Receiver/Transmitter), while the other is optimized for isolation. * **Thermal Management:** The "R" suffix usually denotes a specific RoHS-compliant packaging designed with a thermal pad to dissipate heat generated during high-power transmission. --- ### 3. Application Use Cases The M2PHSW-154-R is primarily found in the following electronic systems: 1. **LTE/5G Base Stations:** Used to switch between Transmit (TX) and Receive (RX) modes in Time Division Duplex (TDD) systems. 2. **Military Communications:** High-reliability switching in tactical radio hardware. 3. **Public Safety Radio:** Used in land-mobile radio (LMR) repeaters. 4. **Test Equipment:** Integrated into RF signal generators or analyzers for path routing. --- ### 4. Implementation Example (Control Logic) To integrate this part, a driver circuit is required to provide the necessary bias currents. ```c // Pseudo-logic for RF Switch Control void set_switch_path(int path) { if (path == TRANSMIT) { // Apply Forward Bias to TX Diode set_pin_voltage(CTRL_PIN_1, HIGH); set_pin_voltage(CTRL_PIN_2, LOW); } else { // Apply Reverse Bias to TX Diode set_pin_voltage(CTRL_PIN_1, LOW); set_pin_voltage(CTRL_PIN_2, HIGH); } } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power handling (P1dB) for this specific switch?
    • ⤷ What are the recommended driver ICs for PIN diode switches?
    • ⤷ How does the insertion loss vary across the 0.05 to 4.0 GHz frequency range?