Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHSW-161-R2

  • AI
    The **M2PHSW-161-R2** is a specialized electronic component, typically categorized as a **Surface Mount (SMT) RF Switch** or a high-frequency signal router, often used in telecommunications and radio-frequency (RF) applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The M2PHSW series generally refers to PIN diode switches or specialized RF routing components. These are designed to handle high-speed switching of microwave signals with minimal loss. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | RF PIN Diode Switch / High-Speed Switch | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Frequency Range** | Typically 0.5 GHz to 18+ GHz (depending on application) | | **Package Style** | Low-profile ceramic or plastic molded | | **RoHS Status** | Compliant (R2 variant indicates revised lead-free/RoHS standards) | --- ## 2. Key Electronic Parts and Functions The internal architecture of this part usually consists of the following elements: ### A. PIN Diode Array The core of the switch. Unlike standard diodes, PIN diodes act as a variable resistor at RF frequencies. - **Forward Bias:** High conductivity (Low resistance), allowing the signal to pass. - **Reverse Bias:** High impedance (Capacitive), blocking the signal. ### B. Bias Circuitry To control the switch, electronic DC signals are applied to "bias" the diodes. - **Inductors (Chokes):** Used to prevent RF signals from leaking into the DC control lines. - **Blocking Capacitors:** Integrated to prevent DC bias from entering the RF signal path. ### C. Transmission Lines The internal traces are precision-engineered to maintain a **50-Ohm characteristic impedance**, ensuring minimal signal reflection (VSWR). --- ## 3. Technical Parameters The performance of the M2PHSW-161-R2 is measured by these critical electronic metrics: | Parameter | Description | | :--- | :--- | | **Insertion Loss** | The amount of signal power lost when the switch is "ON" (lower is better, typically < 2dB). | | **Isolation** | The "leakage" of signal when the switch is "OFF" (higher is better, typically > 30dB). | | **Switching Speed** | The time taken to toggle between states (usually in Nanoseconds). | | **P1dB** | The 1dB Compression Point, indicating the maximum power level the switch can handle before distorting. | --- ## 4. Common Applications Due to its high-frequency capabilities, this part is found in: 1. **Radar Systems:** For switching between transmit and receive modes (T/R Switch). 2. **Satellite Communication:** Signal routing in ground stations. 3. **Test Equipment:** Automated switching in RF signal generators and analyzers. 4. **Wireless Infrastructure:** Base station signal management. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum frequency range supported by the M2PHSW-161-R2?
    • ⤷ How does the R2 revision differ from the original R1 version?
    • ⤷ What is the typical switching speed for this PIN diode switch?