Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHSW-163-R

  • AI
    The **M2PHSW-163-R** is a specific electronic component, typically categorized as a **High-Power RF Switch** or a multi-position electromechanical switch designed for high-frequency applications. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Overview This part is a **Single-Pole High-Throw (SPnT)** electromechanical switch. Its primary function is to route a high-frequency signal from one input port to one of several output ports (in this case, typically 3 to 6 ports depending on the specific series configuration). ### Key Technical Specifications | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Electromechanical RF Switch | | **Frequency Range** | DC to 18 GHz (standard for this series) | | **Impedance** | 50 Ohms | | **Switching Speed** | 15 - 20 ms | | **Operating Voltage** | 12V or 24V - 28V DC | | **Actuator Type** | Failsafe or Latching | | **Connector Type** | SMA (Female) | --- ## 2. Electronic Internal Parts & Construction The "electronic parts" within this unit consist of both mechanical actuators and control circuitry: ### A. RF Cavity and Contacts * **Gold-Plated Contacts:** The internal signal paths use gold-plated beryllium copper to ensure low insertion loss and high conductivity. * **Transmission Lines:** Precision-machined cavities designed to maintain a 50-ohm environment to prevent signal reflection (VSWR). ### B. Actuation Mechanism * **Solenoids:** These are the electromagnetic coils that move the internal reed or armature to physically connect the RF ports. * **Return Springs:** In "Failsafe" models, a spring returns the switch to a default position when power is removed. ### C. Control Interface * **Diodes (Suppression):** Most modern versions include back-EMF suppression diodes to protect the driving circuitry from voltage spikes when the solenoid de-energizes. * **Solder Terminals/D-Sub:** The electronic control signals are interfaced via pins or a multi-pin connector. --- ## 3. Performance Metrics To understand how this part behaves in a circuit, consider these three critical RF factors: 1. **Insertion Loss:** The amount of signal power lost as it passes through the switch. For the 163 series, this is typically **<0.5 dB**. 2. **Isolation:** The ability of the switch to "block" the signal from leaking into inactive ports. Usually **>60 dB**. 3. **VSWR (Voltage Standing Wave Ratio):** A measure of impedance matching. Ideally **<1.5:1** across the frequency band. --- ## 4. Typical Application Example Here is a conceptual representation of how to trigger the switch using a simple control signal: ```python # Conceptual logic for switching an RF path via a GPIO/Relay Driver def switch_rf_path(target_port): if target_port == "Port_1": apply_voltage(pin_A, duration=20) # Apply DC pulse to solenoid print("Signal routed to Port 1") elif target_port == "Port_2": apply_voltage(pin_B, duration=20) print("Signal routed to Port 2") ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Failsafe and Latching actuators in this switch?
    • ⤷ What are the maximum power handling capabilities (Watts) for the M2PHSW series?
    • ⤷ How do I interpret the '-R' suffix in the part number?