Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHSW-1D-R/CE

  • AI
    The **M2PHSW-1D-R/CE** is a specialized high-power electromechanical component, typically categorized as a **Medium Voltage Disconnect Switch** or a **Load Break Switch (LBS)** mechanism. Based on standard nomenclature for industrial power systems, here is an explanation of its electronic and electromechanical parts: --- ## 1. Technical Specifications This component is designed for industrial automation and power distribution. Its primary role is to safely connect or disconnect high-current electrical circuits. | Parameter | Description | | :--- | :--- | | **Component Type** | Electromechanical Switch / Disconnector | | **Poles** | Typically 1-Pole (indicated by "1D") | | **Current Rating** | High Amperage (Industrial Grade) | | **Configuration** | R/CE refers to specific mounting or compliance standards (CE Marking) | --- ## 2. Key Electronic & Mechanical Components ### A. Contact System The core of the M2PHSW is the contact assembly. * **Main Contacts:** Usually made of silver-plated copper to minimize resistance and heat generation. * **Arcing Horns/Chutes:** Since this is a high-power switch, it includes mechanisms to dissipate the electrical arc that forms when the circuit is opened under load. ### B. Actuation Mechanism (The "SW" Part) The "SW" indicates the switching mechanism. This can be: 1. **Manual Handle:** A physical lever that requires human force to toggle. 2. **Solenoid/Motorized Drive:** In many industrial versions, a small internal motor or coil allows for remote operation via a PLC (Programmable Logic Controller). ### C. Auxiliary Contacts (Feedback Loop) These are secondary, low-power electronic switches integrated into the main body. * **Function:** They signal to a control panel whether the main switch is "ON" or "OFF." * **Signaling:** Usually 24V DC or 110V AC logic levels. ### D. Housing and Insulation * **Dielectric Material:** The body is made of high-strength thermoset plastic or ceramic to prevent phase-to-ground short circuits. * **IP Rating:** Typically rated for dust and moisture protection if used in harsh environments. --- ## 3. Applications * **Power Distribution Boards:** Used as a main isolator. * **Industrial Machinery:** Acts as a safety disconnect for heavy motors. * **Solar/Renewable Energy:** Used in DC combiners or AC output stages. --- ## 4. Safety Features * **Lockout/Tagout (LOTO):** Most models feature a hole in the handle to allow for padlocking in the "OFF" position. * **Positive Break:** Ensures that the contacts are physically separated and cannot be welded shut without the handle reflecting the state.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the M2PHSW-1D-R/CE?
    • ⤷ Does this switch support remote control via a PLC?
    • ⤷ What are the specific mounting dimensions for this model?