Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHSW-A1-R/CE

  • AI
    The **M2PHSW-A1-R/CE** is a high-performance, industrial-grade PCIe M.2 carrier board (switch) designed primarily for NVMe storage expansion. It allows a single PCIe slot to be branched into multiple M.2 NVMe SSD connections. --- ## 1. Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Interface Type** | PCIe Gen 4 x16 (Downwards compatible with Gen 3) | | **Storage Slots** | 2 x M.2 (M-Key) | | **Supported Sizes** | 2242, 2260, 2280, 22110 | | **Maximum Bandwidth** | Up to 16 GT/s per lane | | **Bifurcation Requirement** | Required (x8+x8 or x4+x4+x4+x4 depending on config) | --- ## 2. Key Electronic Components & Features ### A. PCIe Switch Controller / Redriver The "CE" designation often implies the inclusion of a high-speed signal re-driver or a basic PLX-style switch logic. This ensures signal integrity over the PCB traces, preventing data loss or CRC errors when running at Gen 4 speeds. ### B. Power Management Circuitry To support high-performance NVMe drives (which can draw significant power during peak writes), the board includes: * **DC-to-DC Converters:** Steps down the 12V from the PCIe slot to a stable 3.3V required by M.2 SSDs. * **Bulk Capacitors:** These act as energy reservoirs to prevent voltage sag during high-current bursts. ### C. Thermal Protection * **Heatsink Integration:** High-speed NVMe controllers generate significant heat. This part typically includes aluminum fins or a thermal pad interface to dissipate heat from the SSDs. * **Temperature Sensors:** Some variants include onboard thermal monitoring to throttle or alert if the SSDs exceed safe operating temperatures. --- ## 3. Connectivity Logic The electronic layout is optimized for **PCIe Bifurcation**. Unlike "Active" switches that cost significantly more, this board relies on the Motherboard's BIOS to split the x16 lane into smaller segments. * **Pin Mapping:** The gold fingers are wired to route specific PCIe lanes directly to the M.2 pins. * **LED Indicators:** Typically features SMD LEDs to show "Power On" and "Drive Activity" status for each individual slot. ---
    ✨ Follow-up Questions
    • ⤷ Does this board require a motherboard that supports PCIe bifurcation?
    • ⤷ What is the maximum data transfer rate for the M2PHSW-A1-R/CE?
    • ⤷ Does it support both NVMe and SATA M.2 drives?