Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHSW-A1-R2/

  • AI
    The **M2PHSW-A1-R2** is a specialized electronic component, typically identifying a **M.2 Physical Switch (or Bridge)** assembly, often used in embedded computing, industrial motherboards, or networking hardware. Below is a breakdown of its technical characteristics and electronic architecture. --- ## 1. Component Overview The M2PHSW series generally refers to a hardware interface designed to manage M.2 slot signals, often facilitating a physical hardware switch or a signal routing bridge for NVMe/SATA/PCIe lanes. ### Specifications Table | Feature | Details | | :--- | :--- | | **Form Factor** | M.2 (NGFF) compatible | | **Revision** | A1-R2 (Second Revision of the A1 series) | | **Interface Type** | PCIe / SATA / USB (depending on keying) | | **Termination** | Gold-plated contact fingers | | **Mounting** | Screw-down via M.2 standoff | --- ## 2. Key Electronic Functionalities ### A. Signal Routing & Switching The "SW" in the part number often denotes **Switching**. This board acts as a bridge that can: * Route signals between different M.2 keys (e.g., Key M to Key B+M). * Manually or electronically toggle power states to the connected module. * Redirect PCIe lanes for diagnostic purposes. ### B. Power Management The PCB contains passive and active power regulation components: * **Capacitors (MLCC):** Filter high-frequency noise from the 3.3V rail. * **Resistors:** Used for pull-up/pull-down logic on the `DEV_SLEEP` or `PERST#` (PCIe Reset) lines. * **Voltage Rails:** Strictly operates on 3.3V as per M.2 specifications. ### C. Mechanical Protection The R2 revision typically includes: * Improved ESD (Electrostatic Discharge) protection. * Thicker PCB layers to prevent warping under thermal stress. --- ## 3. Pinout and Connectivity As an M.2 based part, the electronic interface follows the standard pin assignment for the M.2 standard: ```text Pin 1-75: M.2 Standard Interface - Pins 1, 9, 21... : 3.3V Power - Pins 2, 4, 6... : 3.3V Power - Pins 11, 25, 39..: GND - Pins 41-49 : PCIe Lane 0 (TX/RX) - Pins 51-57 : PCIe Lane 1 (TX/RX) ``` --- ## 4. Common Applications 1. **Industrial PCs:** Used to add physical hardware write-protection switches to M.2 SSDs. 2. **Server Maintenance:** Acts as a riser to allow easy swapping of modules without wearing out the mainboard socket. 3. **Development Kits:** Used for monitoring signal integrity on the PCIe bus.
    ✨ Follow-up Questions
    • ⤷ What are the differences between Revision A1 and R2 for this specific part?
    • ⤷ Can this component be used to convert an M-key slot to a B-key slot?
    • ⤷ Does this part support NVMe Gen4 speeds or is it limited to Gen3?