Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHSW-B3-R2/CE

  • AI
    The **M2PHSW-B3-R2/CE** is a specialized high-speed electronic switch module, typically used in industrial automation, testing equipment, or high-performance RF/microwave signal routing. Below is a breakdown of its electronic components and characteristics. --- ### 1. General Specifications This part number refers to a multi-port high-speed switch assembly. The "B3" usually denotes a specific frequency range or configuration, while "R2" indicates a second revision of the design. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Electromechanical or Solid State High-Speed Switch | | **Configuration** | SPDT or Multi-port (depending on internal wiring) | | **Connector Type** | SMA or MMCX (Coaxial interfaces) | | **Impedance** | 50 Ohms (Standard for RF/High-speed signal) | | **Control Logic** | TTL or CMOS compatible (3.3V / 5V) | --- ### 2. Key Electronic Parts and Functions The internal assembly consists of several critical electronic sub-systems: #### A. Switching Matrix * **Actuators:** If electromechanical, it uses precision coils to move gold-plated contacts. * **Solid State (FETs):** If solid-state, it uses GaAs (Gallium Arsenide) or GaN (Gallium Nitride) transistors to allow nanosecond switching speeds without physical wear. #### B. Driver Circuitry * **Level Shifters:** Converts low-voltage logic signals from a microcontroller/PLC to the higher voltage required to drive the switch. * **Reverse Polarity Protection:** Usually includes a diode (e.g., 1N4148) to protect the internal circuit from back-EMF or incorrect power wiring. #### C. Interface and Power * **Decoupling Capacitors:** Small ceramic capacitors (0.1µF) placed near power pins to filter high-frequency noise. * **ESD Protection:** TVS (Transient Voltage Suppressor) diodes at the control inputs to prevent damage from static discharge during handling. --- ### 3. Application Use Cases * **Automated Test Equipment (ATE):** Used to route signals from a single tester to multiple "Devices Under Test" (DUTs). * **Telecommunications:** Used in signal redundancy systems where a backup signal must be switched in if the primary fails. * **Signal Monitoring:** Allows a single oscilloscope or spectrum analyzer to monitor multiple points in a circuit. --- ### 4. Part Number Breakdown (Estimated) | Segment | Meaning | | :--- | :--- | | **M2** | Series identifier (Modular/Matrix) | | **PHSW** | Power High-Speed Switch | | **B3** | Bandwidth/Block configuration (e.g., 3GHz or 3-port) | | **R2** | Revision 2 (Hardware updates) | | **CE** | European Conformity (Complies with safety/EMC standards) |
    ✨ Follow-up Questions
    • ⤷ Does this switch utilize electromechanical relays or solid-state FETs?
    • ⤷ What is the maximum frequency range supported by the B3 configuration?
    • ⤷ What are the power supply requirements (Voltage/Current) for this module?