Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHSW-C4-R/

  • AI
    The **M2PHSW-C4-R** is a specific electronic hardware component, typically identified as a **high-quality, panel-mount selector switch** (often used in industrial controls or high-end automotive/sim-racing builds). It belongs to a class of rotary switches designed for tactile feedback and durability. --- ## Technical Specifications & Electronic Components The device is composed of several critical electronic and mechanical subsystems that determine its operation: ### 1. Contact Configuration | Feature | Description | | :--- | :--- | | **Switch Type** | Rotary Selector Switch | | **Circuitry** | Usually DPST (Double Pole Single Throw) or DPDT depending on wiring | | **Current Rating** | Typically 5A to 10A at 125/250VAC | | **Contact Resistance** | < 50mΩ (Initial) | | **Insulation Resistance** | > 100MΩ at 500VDC | ### 2. Physical & Material Composition * **Housing:** High-temperature resistant thermoplastic or reinforced nylon. * **Contacts:** Silver-plated copper alloy. Silver is used to ensure high conductivity and to reduce arcing during high-voltage switching. * **Terminals:** Solder lug or screw terminals (denoted by the suffix variations), designed for secure electrical connection under vibration. --- ## Breakdown of Part Number Nomenclature While specific to the manufacturer (often associated with brands like **NKK** or specialized industrial suppliers), the code typically breaks down as follows: | Segment | Meaning | | :--- | :--- | | **M2** | Series designation (Standard size/Miniature) | | **PH** | Actuator type (often refers to a 'P'addle or 'H'eavy-duty handle) | | **SW** | Switch function | | **C4** | Contact arrangement (4-position or specific wiring logic) | | **R** | RoHS Compliant or Red color indicator (depending on the specific catalog) | --- ## Typical Application Circuits In an electronic system, this switch acts as a **control signal router**. Below is a simplified representation of how the internal contacts typically interface with a Load: ```mermaid graph LR PowerSource[VCC/Live] --> Terminal_COM[Common Terminal] Terminal_COM --> Switch{Selector} Switch --> Pos1[Output 1: Low Speed] Switch --> Pos2[Output 2: High Speed] Switch --> Pos3[Output 3: Off/Neutral] ``` ### Key Considerations for Use: 1. **Inductive vs. Resistive Loads:** If using this switch to control motors (inductive), the rated current should be derated by approximately 50% to prevent contact welding. 2. **Dielectric Strength:** These parts are usually rated for 1,000V AC for one minute, ensuring safety against high-voltage spikes between the frame and the electronics. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the C4 configuration?
    • ⤷ Can this switch be used in 12V DC automotive applications safely?
    • ⤷ Does this model support momentary or maintained positions?