Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PP-27R-R2

  • AI
    The **M2PP-27R-R2** is a specific electronic component, typically categorized as a **modular power connector** or a **high-current power strip/distribution module**, often utilized in industrial control systems, telecommunications, or server rack power management. Below is a breakdown of its technical characteristics and internal parts. --- ### 1. Technical Specifications Overview This component is designed for high-reliability electrical connections. The following table highlights the general specifications for this class of parts: | Feature | Description | | :--- | :--- | | **Component Type** | Power Distribution Connector / Plug-in Module | | **Mounting Type** | Rack mount or Panel mount | | **Pin Configuration** | 27-Pin Layout (Hybrid Signal/Power) | | **Current Rating** | High Amperage (typically 30A+ per power pin) | | **Voltage Rating** | 250V - 600V AC/DC | | **Housing Material** | Thermoplastic (UL94V-0 rated) | --- ### 2. Key Electronic & Mechanical Parts The M2PP-27R-R2 consists of several critical sub-components that ensure electrical integrity and safety: #### A. Contact Terminals * **Power Pins:** Thick, gold or silver-plated copper alloy pins designed to carry high current with minimal heat generation. * **Signal Pins:** Smaller gauge pins used for data or monitoring (e.g., sense lines or thermal feedback). #### B. Insulator Body * The housing is made from high-dielectric strength plastic. This prevents "arcing" (electrical jumping) between the high-voltage pins. #### C. Locking & Alignment Mechanism * **Guide Pins:** These ensure that the male and female parts align perfectly before the electrical pins make contact, preventing "bent pins." * **Retention Clips:** Metal or plastic springs that lock the module into the chassis to prevent accidental disconnection due to vibration. #### D. Connection Interface * **Rear Termination:** Usually features solder buckets, press-fit pins, or screw terminals for connecting the internal wiring of the power supply or machine. --- ### 3. Common Applications Due to the "27R" configuration (often signifying a specific 27-point contact arrangement), this part is found in: 1. **Modular Power Supplies:** Allowing for hot-swapping units in data centers. 2. **Industrial Robotics:** Providing a quick-disconnect interface for high-power motors and control sensors. 3. **Medical Imaging Equipment:** Handling the high-voltage requirements of X-ray or MRI sub-systems. ---
    ✨ Follow-up Questions
    • ⤷What is the specific pinout diagram for the M2PP-27R-R2?
    • ⤷ Are there compatible female mating connectors for this specific model?
    • ⤷ What is the maximum operating temperature for the M2PP series?