Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PP-31N-R2

  • AI
    The **M2PP-31N-R2** is a specific electronic component, typically categorized as a **Pressure Sensor Module** or a **Pressure Switch**, often utilized in industrial automation, medical equipment, and HVAC systems. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The M2PP series is known for its high-precision sensing capabilities using a piezoresistive element. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Piezoresistive Pressure Sensor | | **Output Type** | NPN / PNP Open Collector (Digital/Switching) | | **Pressure Range** | Negative Pressure (Vacuum) / Compound | | **Power Supply** | 12V to 24V DC | | **Current Consumption** | ≤ 40 mA | | **Connection Type** | M8 4-pin Connector or Lead Wire | --- ### 2. Key Electronic Features The "31N" designation specifically refers to the internal electronics configuration: * **Switching Logic (NPN):** The "N" usually indicates an NPN output configuration. This means when the pressure threshold is reached, the output pin connects the load to the ground (0V). * **Dual Output:** Many models in this series offer two independent outputs (N1 and N2) to allow for high/low limit monitoring. * **Integrated Display:** These units often feature a 3-color LCD or LED display to provide real-time pressure feedback and status indication. * **Protection Circuitry:** * **Short-circuit protection:** Prevents damage if the output is incorrectly wired. * **Reverse polarity protection:** Protects the internal PCB if the DC power leads are swapped. --- ### 3. Wiring Diagram (Electronic Interface) Most M2PP-R2 models follow a standard industrial wiring color code: ```yaml Brown: V+ (Power Supply 12-24V DC) Blue: 0V (Ground) Black: Output 1 (NPN Switching) White: Output 2 (NPN Switching or Analog 1-5V) ``` --- ### 4. Applications Because of its electronic stability, the M2PP-31N-R2 is commonly used in: 1. **Suction Verification:** Checking if a vacuum cup has successfully grabbed a part in robotics. 2. **Leak Testing:** Monitoring pressure decay in a sealed system. 3. **Filter Monitoring:** Detecting a pressure drop across a pneumatic filter to signal maintenance.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the NPN and PNP versions of this sensor?
    • ⤷ How do I calibrate the set-point on the R2 model?
    • ⤷ Can this sensor output an analog signal instead of a digital switch?