Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PP-35N-R2/N

  • AI
    The **M2PP-35N-R2/N** is a specific model of a **Miniature Diaphragm Liquid Pump** manufactured by Takasago Electric. These pumps are designed for high-precision fluid handling, often used in medical, analytical, and diagnostic instruments. --- ## 1. Technical Specifications The "R2/N" variant typically refers to specific motor and material configurations. Below are the general electronic and mechanical specifications: | Parameter | Specification (Typical) | | :--- | :--- | | **Rated Voltage** | 12V DC or 24V DC (Model dependent) | | **Power Consumption** | Approx. 1.2W to 2.5W | | **Drive Mechanism** | DC Brushed Motor | | **Flow Rate** | ~35 ml/min (Water) | | **Max Pressure** | 50 kPa | | **Max Suction** | -30 kPa | | **Wetted Materials** | EPDM / PTFE / PP (Model dependent) | --- ## 2. Key Electronic Components The device is relatively simple electronically but requires precise control for optimal life cycles. ### A. The DC Motor The core electronic component is a high-durability DC brushed motor. * **Commutation:** Uses internal brushes to flip the magnetic field. * **Speed Control:** Flow rate is adjusted by varying the input voltage (Analog) or via Pulse Width Modulation (PWM). ### B. Electrical Interface * **Lead Wires:** Typically comes with two UL-certified lead wires (Red for Positive, Black for Negative). * **Noise Suppression:** In some "R2" configurations, internal varistors or capacitors may be included to reduce Electromagnetic Interference (EMI) caused by brush sparking. --- ## 3. Driving and Control Circuitry To integrate this pump into an electronic system, the following components are usually required: ### PWM Control Because it is a DC motor, using a **MOSFET** or a **Motor Driver IC** (like the L298N or TB6612FNG) allows for software-controlled flow rates. ```cpp // Example: Simple PWM Control Logic int pumpPin = 9; void setup() { pinMode(pumpPin, OUTPUT); } void loop() { analogWrite(pumpPin, 128); // Run at ~50% duty cycle } ``` ### Protection Components 1. **Flyback Diode:** Essential when switching the pump off to prevent inductive voltage spikes from destroying your controller. 2. **Filtering Capacitor:** A 0.1μF ceramic capacitor across the motor terminals helps reduce electrical noise in sensitive analytical circuits. --- ## 4. Typical Applications * **Medical Diagnostics:** Moving reagents or waste fluids. * **Environmental Monitoring:** Sampling water or air. * **Fuel Cells:** Managing water balance in small-scale cells. ---
    ✨ Follow-up Questions
    • ⤷ What are the chemical compatibility differences between EPDM and PTFE for this pump?
    • ⤷ How do I calculate the power supply requirements for a multi-pump system?
    • ⤷ Does this model support bidirectional flow via polarity reversal?