Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PP-37R-R2/UL

  • AI
    The **M2PP-37R-R2/UL** is a specific part number typically associated with **M2 Global Technology** (formerly part of Harris Corporation). This component is a **High-Power Coaxial Dual-Junction Isolator/Circulator**, primarily used in Radio Frequency (RF) and Microwave systems. Below is the detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The M2PP series is designed for telecommunications infrastructure, specifically where signal protection and high power handling are required. | Feature | Description | | :--- | :--- | | **Component Type** | Passive RF Component (Dual-Junction Isolator) | | **Frequency Range** | Typically tuned for specific bands (e.g., 380–470 MHz or custom UHF/700/800 MHz bands) | | **Isolation** | $\ge$ 50 dB (due to dual-junction design) | | **Insertion Loss** | $\le$ 0.8 dB (typical) | | **Power Handling** | High Power (often rated 60W to 100W+ average) | | **Compliance** | UL Certified (Underwriters Laboratories) | --- ### 2. Electronic Functionality To understand the "electronic parts" of this device, one must look at its internal architecture: #### A. Dual-Junction Architecture Unlike a standard single circulator, this device contains two junctions in series. * **Purpose:** It provides double the isolation compared to a single-stage device. * **Protection:** It protects sensitive transmitters from reflected power (Voltage Standing Wave Ratio - VSWR) that could cause overheating or damage. #### B. The Ferrite Core The heart of the device consists of **Ferrite Disks** placed between permanent magnets. * **Gyromagnetic Effect:** When an RF signal enters, the magnetic field interacts with the ferrite, forcing the signal to travel in only one direction (clockwise or counter-clockwise). #### C. Terminations (Resistors) Because this is an "Isolator" (a circulator with one port terminated), it includes high-power internal or external **Load Resistors**. * Any reflected signal coming back into the output port is diverted to the third port of the junction, where it is dissipated as heat by a resistor. --- ### 3. Key Identification Codes (Part Number Breakdown) While specific to the manufacturer's catalog, the suffix codes provide electronic context: * **M2PP:** Series designation (High Power Dual Junction). * **37R:** Often refers to the frequency sub-band or mechanical housing size. * **R2:** Revision 2 of the electronic internal layout or tuning circuit. * **UL:** Indicates the unit meets UL safety standards for fire and electrical safety, critical for installation in public safety or cellular base stations. --- ### 4. Applications * **Base Station Transmitters:** Used between the power amplifier and the antenna. * **Combining Systems:** Allows multiple transmitters to share an antenna without interfering with one another (Intermodulation distortion prevention). * **Signal Routing:** Ensuring signal flow remains unidirectional in high-traffic RF environments.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range for the 37R variant of this isolator?
    • ⤷ What are the typical thermal dissipation requirements for this component?
    • ⤷ How does a dual-junction isolator compare to a single-junction isolator in terms of signal loss?