Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PP-91N-R2SLASHUL

  • AI
    The part number **M2PP-91N-R2/UL** refers to a specific type of industrial signal tower or "Andon" light component, typically manufactured by companies like **Menics** or similar industrial automation brands. These devices are used for visual signaling on machinery. --- ### 1. Key Technical Specifications Based on the nomenclature, here is the breakdown of the electronic and mechanical components: | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | M2PP | 56mm Diameter Pole Mount Multi-color LED Signal Tower. | | **Light Source** | LED | Low power consumption, high vibration resistance. | | **Mounting** | Pole Mount | Includes a threaded pole for elevated visibility. | | **Voltage** | 12V / 24V AC/DC | Standard industrial control voltage. | | **Wiring** | N (NPN/PNP) | Compatible with both Open Collector transistor types. | | **Certification** | UL | UL listed for safety standards in North American markets. | --- ### 2. Internal Electronic Components The device is composed of several modular electronic layers: #### A. LED PCB Modules Each color tier (Red, Yellow, Green, etc.) contains a circular PCB populated with high-intensity Surface Mount (SMD) LEDs. These are wired in parallel or series strings depending on the voltage regulation circuit. #### B. Control Circuitry Inside the base, there is a control board that manages: * **Current Limiting:** Resistors or constant-current drivers to prevent LED burnout. * **Flash Control:** Some models include a jumper or DIP switch to toggle between "Steady" and "Flashing" modes. * **Input Protection:** Diodes to protect against reverse polarity. #### C. Audible Alarm (Optional) If the "B" suffix were present (though not explicitly in your string), a piezoelectric buzzer would be integrated into the top cap, drawing roughly 15-30mA and outputting ~80dB. --- ### 3. Wiring Configuration The "91N" designation usually implies a specific lead-wire configuration: ```yaml Color Code: - Red Wire: Red Light Segment - Yellow/Amber Wire: Yellow Light Segment - Green Wire: Green Light Segment - Black/Grey: Common (Negative/Neutral) - Purple (if applicable): Buzzer ``` --- ### 4. Application Environments Due to the **UL** certification and the **R2** (Revision 2) design improvements, this part is commonly used in: 1. **CNC Machining Centers:** Indicating cycle completion or tool breakage. 2. **Automated Assembly Lines:** Signaling "Running", "Idle", or "Error" states. 3. **Clean Rooms:** Using the IP65 rated housing to prevent dust ingress.
    ✨ Follow-up Questions
    • ⤷ What is the IP rating for the M2PP series to ensure it is waterproof?
    • ⤷ Can this signal tower be converted from NPN to PNP wiring manually?
    • ⤷ Does the R2 version support a flashing frequency adjustment?