Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PP-92N-R

  • AI
    The **M2PP-92N-R** is a high-performance, precision pressure transducer/transmitter, typically manufactured by companies like **Nidec Copal Electronics**. It belongs to a category of industrial sensors designed for gaseous media, featuring an integrated digital display and dual switch outputs. --- ### 1. Core Technical Specifications The electronic performance of the M2PP series is defined by its ability to convert physical pressure into a stable electrical signal and logic outputs. | Feature | Specification Details | | :--- | :--- | | **Pressure Type** | Gauge Pressure (Positive Pressure) | | **Rated Pressure Range** | 0 to 98.1 kPa (approx. 1 bar / 14.2 psi) | | **Supply Voltage** | 12 to 24 VDC (±10%) | | **Current Consumption** | ≤ 50 mA | | **Output Type** | 2 NPN Open Collector Outputs + 1 Analog Output | | **Analog Output** | 1 to 5 VDC (Linear) | | **Switching Capacity** | 30 VDC, 100 mA maximum | --- ### 2. Key Electronic Components & Subsystems The internal architecture of the M2PP-92N-R consists of several critical electronic stages: #### A. Piezoresistive Sensing Element The "heart" of the device is a silicon-based piezoresistive chip. When pressure is applied, the resistance of the bridge circuit changes. This change is proportional to the mechanical stress, providing high sensitivity and excellent linearity. #### B. Signal Conditioning (ASIC) The raw millivolt signal from the sensor is processed by an Application-Specific Integrated Circuit (ASIC). This stage handles: * **Temperature Compensation:** Correcting drift caused by environmental heat. * **Amplification:** Boosting the signal for the 1-5V analog output. * **A/D Conversion:** Converting the signal for the microprocessor and digital display. #### C. Control Interface & Display * **LED Display:** A 3.5-digit red LED screen allows for real-time monitoring and parameter setting (hysteresis, window comparators). * **User Keys:** Tactile switches permit the user to set "Set Points" (P1, P2) for the electronic switches. --- ### 3. Wiring and Connectivity The M2PP-92N-R uses a standardized wire color code for industrial integration: ```markdown 1. Brown : DC (+) Power (12-24V) 2. Blue : DC (-) GND 3. Black : Switch Output 1 (NPN) 4. White : Switch Output 2 (NPN) 5. Gray : Analog Output (1-5V) ``` --- ### 4. Protective Circuitry To ensure reliability in industrial environments, the electronics include: * **Short-Circuit Protection:** Protects the NPN outputs from overcurrent. * **Reverse Polarity Protection:** Prevents damage if the power supply leads are swapped. * **Noise Filtering:** Internal capacitors and shielding to reduce Electromagnetic Interference (EMI).
    ✨ Follow-up Questions
    • ⤷How do you calibrate the zero-point on the M2PP-92N-R?
    • ⤷ What is the difference between the NPN (N-type) and PNP (P-type) versions of this sensor?
    • ⤷ Can the 1-5V analog output be converted to a 4-20mA signal?