Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PP-92N-R2

  • AI
    The **M2PP-92N-R2** is a specific model of a **Miniature Pressure Sensor/Transducer**, typically used in medical instrumentation (such as blood pressure monitoring) and industrial leak detection. It belongs to the MEMS (Micro-Electro-Mechanical Systems) category. --- ### 1. Technical Specifications The device operates on a piezoresistive principle, where the resistance changes based on the mechanical stress applied to a silicon diaphragm. | Parameter | Specification | | :--- | :--- | | **Sensor Type** | Piezoresistive Silicon Pressure Sensor | | **Pressure Range** | Typically 0 to 300 mmHg (Medical grade) | | **Input Impedance** | 2kΩ to 5kΩ (Typical) | | **Output Impedance** | 2kΩ to 5kΩ | | **Excitation Voltage** | 5V DC (Typical) or Constant Current | | **Accuracy** | ±1.0% to ±1.5% FS | | **Package Style** | Plastic molded with pressure port | --- ### 2. Internal Electronic Structure The sensor is composed of three primary electronic layers: 1. **Wheatstone Bridge Circuit:** The core of the sensor consists of four resistors etched onto a silicon diaphragm. When pressure is applied, the bridge becomes unbalanced, creating a differential voltage output proportional to the pressure. 2. **Silicon Diaphragm (MEMS):** The mechanical part that deflects. It is extremely thin and fragile, requiring precise electronic calibration. 3. **Temperature Compensation:** The "R2" suffix often denotes a specific revision that includes onboard compensation resistors to ensure the sensor output remains stable across varying environmental temperatures. --- ### 3. Pinout and Connection While specific pinouts can vary by manufacturer (often Merit Sensor or similar), the standard configuration for this series is: * **Pin 1:** +Excitation (Input Voltage) * **Pin 2:** +Output (Positive Signal) * **Pin 3:** -Excitation (Ground) * **Pin 4:** -Output (Negative Signal) ### 4. Application Circuitry To use this part in an electronic design, you typically need an **Instrumentation Amplifier** (like the AD620 or INA126). ```cpp // Example: Logic for calculating pressure from the M2PP output float sensorValue = analogRead(A0); // Read amplified signal float voltage = (sensorValue / 1023.0) * 5.0; float pressure = (voltage - offset) * calibrationFactor; ``` --- ### 5. Common Use Cases * **Medical:** Non-invasive blood pressure (NIBP) monitors and infusion pumps. * **Industrial:** HVAC pressure switches and pneumatic controls. * **Consumer:** Digital pressure gauges and respiratory equipment.
    ✨ Follow-up Questions
    • ⤷ What is the maximum pressure limit for the M2PP-92N-R2 before damage occurs?
    • ⤷ Which instrumentation amplifiers are recommended for this specific sensor bridge?
    • ⤷ How does the 'R2' revision differ from the original 'R1' model?