Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PRU-A27P-R2

  • AI
    The **M2PRU-A27P-R2** is a specialized expansion card, typically identified as an **M.2 to PCIe adapter** or a specific **M.2 Riser** used in server environments (often associated with Supermicro or similar high-density computing hardware). Below is a breakdown of its electronic components and technical specifications. --- ## 1. Core Technical Specifications This device acts as a physical and electrical bridge between an M.2 storage interface and a standard PCIe slot. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 to PCIe Riser / Add-on Card | | **Interface** | PCIe x4 or x8 (Physical connector varies by model) | | **Drive Support** | M.2 NVMe (M-Key) | | **Protocol** | PCIe Gen 3.0 / 4.0 (Backward compatible) | | **Number of Slots** | Usually 1 or 2 M.2 ports (depending on the specific revision) | --- ## 2. Key Electronic Components The board consists of several critical stages to ensure data integrity and power delivery to high-speed NVMe drives. ### A. Power Management (DC-DC Conversion) * **Voltage Regulators:** M.2 NVMe drives require a stable **3.3V** supply. Since PCIe slots provide both 12V and 3.3V, these cards often include buck regulators or LDOs (Low-Dropout Regulators) to step down 12V to a clean 3.3V for the drive. * **Smoothing Capacitors:** Surface-mount electrolytic or ceramic capacitors are placed near the M.2 slot to filter electrical noise and handle sudden power draws during heavy read/write operations. ### B. Signal Integrity * **Differential Pair Routing:** The PCB uses impedance-controlled traces to ensure that the high-frequency signals (GHz range) of the PCIe lanes do not suffer from crosstalk or signal attenuation. * **Coupling Capacitors:** Small capacitors (usually 0.1uF) are placed in series with the PCIe data lines to block DC bias and allow only the AC data signals to pass through. ### C. Mechanical & Thermal Parts * **M.2 Connector (M-Key):** The physical interface where the NVMe SSD is inserted. * **Standoffs/Mounting Holes:** Used to secure the SSD in place (standard lengths include 2280, 2260, or 2242). * **LED Indicators:** Many versions include SMD LEDs to indicate **Power (Link)** and **Activity (Data Transfer)**. --- ## 3. Signal Flow Diagram The electronic logic follows a direct path: 1. **PCIe Edge Connector:** Receives 12V power and PCIe differential signals from the Motherboard. 2. **Power Circuitry:** Converts/Filters 12V to 3.3V. 3. **Data Traces:** Routes the TX/RX pairs directly to the M.2 pins. 4. **M.2 Interface:** Delivers data and power to the NVMe SSD. --- ## 4. Usage Considerations * **Bifurcation:** If this card supports two M.2 drives but has no bridge chip (PLX chip), the motherboard BIOS **must** support PCIe Bifurcation (splitting one x8 slot into x4+x4). * **Cooling:** Because NVMe drives generate significant heat, these boards are often designed with copper pours (thermal vias) to help dissipate heat into the PCB.
    ✨ Follow-up Questions
    • ⤷ Does this specific model require PCIe bifurcation in the BIOS to support multiple drives?
    • ⤷ What are the maximum supported data transfer speeds for the M2PRU-A27P-R2?
    • ⤷ Is there a recommended heatsink for use with this M.2 riser card?