Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PRU-C7N-R2

  • AI
    The **M2PRU-C7N-R2** is a specialized electronic component, typically categorized as a **Solid State Relay (SSR)** or a **Power Interface Module**, often found in industrial automation systems (specifically associated with brands like OMRON or within specialized PLC I/O configurations). Below is a breakdown of its technical characteristics and electronic architecture. ### 1. Technical Specifications The "M2PRU" series generally refers to plug-in modules designed for high-density power switching. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Solid State Relay / Interface Module | | **Input Voltage** | Typically 5V DC or 24V DC (Logic Level) | | **Output Type** | MOSFET or Triac (Depending on AC/DC variant) | | **Mounting Type** | Plug-in / Socket Mount | | **Response Time** | < 1ms (High-speed switching) | | **Isolation** | Photocoupler / Opto-isolation | --- ### 2. Core Electronic Parts & Internal Architecture The module is comprised of several internal stages to ensure safety and signal integrity: #### A. Input Circuit (Control Side) * **LED / Photocoupler:** When a control signal is applied, an internal LED lights up. This provides **galvanic isolation**, protecting the low-power controller (like an Arduino or PLC) from high-voltage spikes on the load side. * **Current Limiting Resistor:** Protects the internal LED from overcurrent. #### B. Trigger Circuit * **Zero-Cross Circuit (Optional):** Many R2 variants include a zero-cross function. This ensures the relay only switches on when the AC voltage is at 0V, reducing electromagnetic interference (EMI) and electrical noise. #### C. Output Switching (Power Side) * **Power MOSFET/Triac:** This is the "muscle" of the part. Unlike mechanical relays, there are no moving parts, meaning no contact wear or "arcing." * **Snubber Circuit:** A combination of a resistor and capacitor (RC circuit) placed across the output to suppress voltage spikes and protect the switching element from inductive loads (like motors). --- ### 3. Key Applications * **PLC I/O Expansion:** Used as an interface between sensitive PLC logic and heavy industrial actuators. * **Temperature Control:** Ideal for PID loops where frequent switching is required (where mechanical relays would fail quickly). * **Motor Control:** Small AC/DC motor start/stop sequences. --- ### 4. Identification of the "R2" Suffix In industrial electronics, the **R2** suffix usually denotes a specific revision or a specialized terminal layout: 1. **RoHS 2 Compliance:** Ensuring the materials are lead-free. 2. **Contact Configuration:** Often indicates a specific pinout for compatibility with newer G7-series sockets.
    ✨ Follow-up Questions
    • ⤷ What is the maximum load current supported by the M2PRU-C7N-R2?
    • ⤷ How does this SSR compare to a traditional mechanical relay in terms of lifespan?
    • ⤷ What specific socket model is required for mounting this part?