Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PRU-C7N-R2/Q

  • AI
    The **M2PRU-C7N-R2/Q** is a specific variant of an industrial-grade M.2 (NGFF) Solid State Drive (SSD), typically manufactured by companies like **Apacer**. These drives are designed for embedded systems, industrial automation, and server environments where reliability is more critical than raw consumer speeds. --- ### 1. Key Technical Specifications The part number indicates a specific hardware configuration involving the controller, flash type, and physical interface. | Feature | Specification Details | | :--- | :--- | | **Form Factor** | M.2 2280 (80mm length) | | **Interface** | PCIe Gen3 x4 | | **Protocol** | NVMe 1.3 | | **NAND Flash Type** | 3D TLC (Triple-Level Cell) | | **Capacity Range** | Typically 120GB to 1.92TB (Specific to the "C7N" suffix) | | **Connector Key** | M-Key | --- ### 2. Internal Electronic Components The architecture of this module consists of three primary electronic blocks: #### A. The Controller (The Brain) The controller manages data flow between the PCIe interface and the NAND flash. * **Flash Management:** Handles Error Correction Code (ECC), wear leveling, and bad block management. * **Thermal Throttling:** Monitors internal temperature sensors to adjust performance and prevent hardware damage. #### B. 3D TLC NAND Flash (Storage) Unlike consumer drives, the "Q" or industrial designation often implies: * **Higher Endurance:** Optimized firmware to increase the P/E (Program/Erase) cycles. * **Wide Temperature Support:** Components are often rated for -40°C to +85°C (if specified as industrial wide-temp). #### C. Power Management Circuitry * **Voltage Regulators:** Converts the 3.3V input from the M.2 slot into lower voltages (typically 1.8V and 1.2V) for the NAND and Controller. * **Protection:** Includes over-current and over-voltage protection circuits to ensure data integrity during power fluctuations. --- ### 3. Industrial Features The "R2/Q" suffix usually denotes specific revisions or specialized features: 1. **End-to-End Data Protection:** Ensures data integrity from the host system to the NAND and back. 2. **S.M.A.R.T. Monitoring:** Advanced telemetry for predicting drive failure before it occurs. 3. **Conformal Coating (Optional):** Many parts in this series offer an optional chemical coating to protect the PCB from moisture, dust, and chemicals. --- ### 4. Application Areas | Industry | Usage | | :--- | :--- | | **Industrial PC** | High-speed OS booting and logging in harsh environments. | | **Medical** | Reliable storage for imaging devices (MRI/CT scans). | | **Transportation** | In-vehicle surveillance and data logging. |
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity of the C7N-R2/Q variant?
    • ⤷ Does this model support hardware-based AES-256 encryption?
    • ⤷ What is the Terabytes Written (TBW) rating for this specific drive?