Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PRU-C7R-R

  • AI
    Based on the model number **M2PRU-C7R-R**, this refers to a specific series of **Industrial Signal Converters/Transducers** typically manufactured by companies like **M-System**. Below is a technical breakdown of the electronic components and functional specifications for this device. --- ## 1. Device Overview The M2PRU series is a compact, plug-in type signal conditioner designed to convert a **Potentiometer** input into a standard **DC Output** signal. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Model Series** | M2PRU (Potentiometer Transmitter) | | **Input Type** | Potentiometer (3-wire) | | **Input Resistance** | Total resistance 100 $\Omega$ to 10 k$\Omega$ | | **Output** | DC current or voltage (Specific to the "C7" suffix) | | **Power Input** | 24V DC (Indicated by the "R" suffix) | | **Isolation** | 3-way isolation (Input to output to power) | --- ## 2. Component Breakdown (Internal & External) ### A. Front Panel Components * **Zero Adjustment:** A multi-turn potentiometer located on the front to calibrate the 0% output point. * **Span Adjustment:** A multi-turn potentiometer to calibrate the 100% output point. * **LED Indicator:** Typically a green LED to signify that power is supplied and the unit is operational. ### B. Internal Circuitry The device consists of several key electronic stages: 1. **Reference Voltage Circuit:** Provides a stable, precise excitation voltage to the external potentiometer. 2. **Signal Conditioning Op-Amps:** High-impedance operational amplifiers that sense the wiper position without loading the circuit. 3. **Isolation Barrier:** Uses **Opto-couplers** or **Transformer isolation** to prevent electrical noise and ground loops between the field (input) and the PLC/Controller (output). 4. **Power Module:** A DC-to-DC converter that regulates the "R" (24V DC) input to internal operating voltages. --- ## 3. Suffix Identification (C7R-R) The specific alphanumeric string identifies the factory-set configuration: * **C7:** This usually designates the **Output Code**. In many M-System configurations, "C" relates to current and "7" relates to a specific range (e.g., 4–20mA DC). * **R:** Refers to the **Power Supply**. "R" standardizes to 24V DC. * **-R:** Often indicates an additional feature like **RoHS compliance** or specific mounting/certification variants. --- ## 4. Connection Diagram (Standard Wiring) ```text [ Potentiometer ] [ M2PRU Unit ] [ Receiver/PLC ] (1) CW End -----------> Terminal 1 (Ref +) (2) Wiper -----------> Terminal 2 (Signal) (3) CCW End -----------> Terminal 3 (Ref -) Terminal 4 (+) -------> (+) Input Terminal 5 (-) -------> (-) Input ```
    ✨ Follow-up Questions
    • ⤷ What are the specific output range values for the 'C7' code in this model?
    • ⤷ How do I perform a manual calibration using the Zero and Span pots?
    • ⤷ What is the maximum load resistance allowed for the current output of the M2PRU?