Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PRU-C7R-R2/N

  • AI
    The **M2PRU-C7R-R2/N** is a specialized industrial-grade **Dual-Channel RTD (Resistance Temperature Detector) Temperature Transmitter**. It is typically designed for DIN-rail mounting and is used to convert signals from RTD sensors into standardized analog outputs (like 4-20mA or 0-10V) for PLC or DCS systems. --- ### 1. Technical Specifications The following table highlights the core electronic characteristics of the module: | Component/Feature | Specification Details | | :--- | :--- | | **Input Type** | Pt100, JPt100 (3-wire system) | | **Output Type** | Dual Channel (Isolated) DC Current or Voltage | | **Power Supply** | Usually 100-240V AC or 24V DC (Model specific) | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 to 90%) | | **Isolation** | Input to Output to Power (3-way isolation) | | **Mounting** | DIN Rail | --- ### 2. Key Electronic Functions #### A. Signal Conditioning & Conversion The primary electronic role of this device is to perform high-precision measurement of the resistance from a Pt100 sensor. Because RTD resistance is non-linear relative to temperature, the internal circuitry applies **linearization** to ensure the output signal is directly proportional to the temperature. #### B. 3-Way Galvanic Isolation This is a critical electronic feature. The device isolates: 1. **Input from Output:** Prevents ground loops from affecting the sensor reading. 2. **Power from Input/Output:** Protects the field instrumentation from power surges and noise. #### C. Burnout Protection The electronics include a "Burnout" detection circuit. If the RTD wire breaks or the sensor fails, the transmitter will force the output to a specific state (Upscale $\ge 20\text{mA}$ or Downscale $\le 4\text{mA}$) to alert the control system of a hardware failure. --- ### 3. Connection Pinout Logic While specific diagrams vary by manufacturer (often M-System or similar), the general electronic interface follows this pattern: ```text Input Section (RTD): Terminal A: Constant Current Source (+) Terminal B: Potential Measurement (-) Terminal B': Lead Wire Compensation Output Section: Output 1 (+/-): 4-20mA Signal to PLC Output 2 (+/-): Secondary Signal (if dual-channel) Power Section: L / N: AC Power Input (or + / - for DC) ``` --- ### 4. Application Context In an industrial environment, the M2PRU-C7R-R2/N acts as the bridge between the physical world (heat) and the digital control world. Its robust electronic design ensures that electromagnetic interference (EMI) from motors or heavy machinery does not corrupt the sensitive millivolt-level signals coming from the RTD sensors.
    ✨ Follow-up Questions
    • ⤷ What are the specific calibration steps for the M2PRU-C7R series?
    • ⤷ How does 3-wire compensation work in this transmitter?
    • ⤷ Can this module be reconfigured for thermocouples instead of RTDs?