Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PRU-H4R-R/Q

  • AI
    The **M2PRU-H4R-R/Q** is a high-performance, industrial-grade **Power Relay Module** typically used in automation, control systems, and power distribution. This specific part number follows the standard naming conventions of industrial manufacturers like **IDEC** or similar power electronics suppliers. --- ### ## Technical Specifications Breakdown | Feature | Specification Details | | :--- | :--- | | **Type** | Power Relay / Terminal Relay Module | | **Mounting** | DIN Rail Mounting (standard 35mm) | | **Input Voltage** | Typically 24V DC (Standard for PLC control) | | **Output Type** | Electromechanical Relay (Dry Contacts) | | **Contact Arrangement** | 4-channel (4R), SPDT or Form C | | **Rated Load** | Often rated up to 10A @ 250V AC / 30V DC | | **Isolation** | Optically or Galvanically isolated inputs | --- ### ### Key Electronic Components 1. **Electromechanical Relays**: The heart of the module. These use an electromagnetic coil to physically move contacts, allowing a low-power signal (from a PLC) to switch a high-power load. 2. **Flyback Diodes**: Integrated across the relay coils to suppress inductive voltage spikes (back-EMF) when the coil is de-energized, protecting the driving circuitry. 3. **LED Status Indicators**: Usually green or red LEDs placed on the input side to provide visual confirmation of which channel is currently energized. 4. **Terminal Blocks**: Heavy-duty screw or tension-clamp terminals designed to handle high-gauge wiring for industrial environments. 5. **Varistors (MOV)**: Often included on the output side to protect the relay contacts from arcing and surges when switching inductive loads like motors or solenoids. --- ### ### Application and Usage * **PLC Interfacing**: Acts as a buffer between sensitive PLC digital outputs and heavy industrial loads. * **Signal Multiplication**: Used when one control signal needs to trigger multiple independent power circuits. * **Voltage Level Shifting**: Controlling a 220V AC motor using a 24V DC logic signal. --- ### ### Wiring Configuration ```yaml Input Side (Control): - Term 1: +24V DC (Common) - Term 2: Signal Input 1 - Term 3: Signal Input 2... Output Side (Load): - COM: Common Line - NO: Normally Open (Closes when energized) - NC: Normally Closed (Opens when energized) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this relay module?
    • ⤷ Does this model support PNP or NPN input logic?
    • ⤷ What are the specific environmental temperature ratings for the R/Q series?