Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PV-C1S2-R2

  • AI
    The **M2PV-C1S2-R2** is a specific model of an external M.2 NVMe SSD enclosure manufactured by **ORICO**. It is designed to convert an internal M.2 SSD into a portable high-speed external drive. Below is a breakdown of its electronic components, technical specifications, and internal architecture. --- ### 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Control Chip (Bridge)** | Realtek RTL9210 | | **Input Interface** | M-Key / B&M-Key (NVMe Protocol) | | **Output Interface** | USB 3.1 Gen2 Type-C | | **Transfer Speed** | Up to 10Gbps | | **Supported Sizes** | 2230, 2242, 2260, 2280 | | **Max Capacity** | 2TB (Typical) | --- ### 2. Key Electronic Components The "R2" revision typically indicates a specific hardware iteration. The electronic performance is driven by these internal parts: #### A. The Bridge Controller: Realtek RTL9210 The heart of this device is the **Realtek RTL9210**. This is a high-performance bridge chip that translates **PCIe (NVMe)** signals to **USB 3.1 Gen2**. * **Efficiency:** It is known for lower power consumption compared to older JMicron controllers, which reduces heat. * **UASP & TRIM Support:** It supports USB Attached SCSI Protocol (UASP) for faster data transfers and TRIM commands to maintain SSD longevity. #### B. Power Management Circuitry Since NVMe SSDs can draw significant power (often 3.3V at 1A-2.5A), the PCB includes: * **Step-down Converters (Buck Regulators):** Converts the 5V provided by the USB port into a stable 3.3V required by the M.2 SSD. * **Over-current Protection:** Prevents damage to the host computer or the SSD in case of a short circuit. #### C. Passive Cooling Components Because the RTL9210 and NVMe drives generate significant heat during 10Gbps transfers, the "electronic" design relies on: * **Thermal Pads:** Conducts heat from the controller and the SSD to the aluminum shell. * **Finned Aluminum Heatsink:** The "C1S2" design usually features a finned top cover to increase surface area for heat dissipation. --- ### 3. Pinout and Compatibility The internal slot uses an **M-Key** physical connector. It is important to note the electronic protocol compatibility: 1. **Supported:** NVMe PCIe protocol SSDs. 2. **Not Supported:** M.2 SATA (NGFF) protocol SSDs. 3. **Physical Layout:** The PCB has multiple mounting holes for the screw/rubber plug to secure various lengths of SSDs (2230 through 2280). --- ### 4. Status Indicator (LED) The board includes a Surface Mount Device (SMD) LED: * **Solid Blue/White:** Power is connected/Standby. * **Flashing:** Data is being read from or written to the drive.
    ✨ Follow-up Questions
    • ⤷ Does the RTL9210 chip support firmware updates for better compatibility?
    • ⤷ Is this enclosure compatible with Thunderbolt 4 ports?
    • ⤷ What is the maximum power draw this enclosure can handle from a USB port?