Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PV-C1S4-R/N

  • AI
    The **M2PV-C1S4-R/N** is a specific model of an M.2 NVMe SSD enclosure manufactured by **ORICO**. It is designed to convert an internal M.2 NVMe solid-state drive into a portable external storage device. Below is a breakdown of its electronic components, technical specifications, and internal architecture. --- ### 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Main Controller** | Realtek RTL9210 | | **Interface (External)** | USB 3.1 Gen 2 Type-C | | **Interface (Internal)** | M-Key / B+M Key (NVMe PCI-E Protocol) | | **Data Transfer Rate** | Up to 10Gbps | | **Support Capacity** | Up to 2TB | | **Cooling System** | Built-in Cooling Fan + Aluminum Heat Sink | --- ### 2. Key Electronic Components #### A. The Bridge Controller (The "Brain") The heart of this device is the **Realtek RTL9210**. This is a high-performance bridge chip that translates **PCIe (NVMe)** signals into **USB** signals. * **Protocol Conversion:** It handles the transition between NVMe (the drive's native language) and USB 3.1 Gen 2. * **UASP Support:** It supports USB Attached SCSI Protocol, which reduces CPU overhead and increases data transfer speeds. * **TRIM Support:** Ensures the SSD can manage its free space efficiently over time. #### B. Active Cooling System Unlike standard passive enclosures, the "C1S4" series features an integrated **active cooling fan**. * **Fan Control:** Small internal circuitry manages the RPM of the fan based on power delivery. * **Heat Dissipation:** The fan pulls heat away from the controller and the SSD, venting it through the aluminum chassis. This prevents **thermal throttling**, where the SSD slows down to protect itself from heat. #### C. Power Management Circuitry The PCB (Printed Circuit Board) contains voltage regulators to step down the 5V supplied by the USB port to the **3.3V** required by most M.2 NVMe drives. * **Protection:** Includes over-current and short-circuit protection to prevent damage to the host computer or the SSD. --- ### 3. Physical Layout and Indicators * **LED Indicator:** A blue LED typically signals power status and flashes during data read/write operations. * **Connector:** A high-quality Type-C port soldered to the PCB, designed for high-frequency data transmission. * **Sleep Mode:** The firmware on the RTL9210 chip is usually programmed to enter a "Sleep Mode" after 10 minutes of inactivity to save power and extend the SSD's lifespan. --- ### 4. Compatibility Summary | Component Type | Compatibility | | :--- | :--- | | **SSD Form Factor** | 2230, 2242, 2260, 2280 | | **Bus Protocol** | NVMe (PCIe) only (Does **not** support SATA/NGFF) | | **OS Support** | Windows, Mac OS, Linux, Android | ---
    ✨ Follow-up Questions
    • ⤷ Does this enclosure support M.2 SATA drives as well as NVMe?
    • ⤷ How does the cooling fan impact the power draw from a laptop?
    • ⤷ Is the Realtek RTL9210 controller better than the JMicron JMS583?