Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PV-C1SD-R

  • AI
    The **M2PV-C1SD-R** is a specific model of an external SSD enclosure manufactured by **ORICO**. It is designed to bridge M.2 NVMe storage drives to a computer via a USB interface. Below is a detailed breakdown of its electronic components, technical specifications, and internal architecture. --- ## 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Main Controller (Bridge Chip)** | Realtek RTL9210B (typically) | | **Interface (External)** | USB 3.2 Gen 2 Type-C | | **Interface (Internal)** | M.2 M-Key / B+M Key | | **Supported Protocols** | NVMe (PCIe) and SATA (NGFF) | | **Data Transfer Rate** | Up to 10Gbps | | **Max Capacity Support** | Up to 2TB | --- ## 2. Key Electronic Components ### A. The Bridge Controller (The Brain) The most critical electronic part is the **Bridge Chip**. In the M2PV series, ORICO usually employs the **Realtek RTL9210B**. * **Function:** It translates the NVMe/PCIe or SATA commands into USB Mass Storage Class (MSC) or USB Attached SCSI Protocol (UASP) commands. * **Power Management:** It handles the low-power states (sleep mode) to ensure the SSD doesn't overheat when idle. ### B. Thermal Management System Because NVMe drives generate significant heat during 10Gbps transfers, the "parts" of this device include: * **Aluminum Alloy Fin Shell:** Acts as a passive heatsink. * **Thermal Pad:** A silicone-based interface that conducts heat from the SSD controller to the metal casing. * **PCBA Layout:** The Printed Circuit Board is designed with copper pours to help dissipate heat away from the bridge chip. ### C. Power Regulation (LDO/Buck Converters) The PCB contains small voltage regulators that convert the **5V** provided by the USB port into the **3.3V** required by M.2 SSDs. High-quality capacitors are used here to filter noise and prevent data corruption during voltage spikes. --- ## 3. Connectivity & Compatibility ### Supported Drive Sizes The PCB features mounting holes for various physical lengths of M.2 sticks: 1. **2230** (30mm) 2. **2242** (42mm) 3. **2260** (60mm) 4. **2280** (80mm) ### Data Protocols Unlike older enclosures that only support one type, the electronic design of the M2PV-C1SD-R is **dual-protocol**. * **NVMe:** Uses the PCIe lanes for high-speed (10Gbps). * **SATA:** Uses the AHCI protocol for legacy M.2 sticks (6Gbps). --- ## 4. Example Connection Logic (Code Concept) If you were to interface with the bridge chip via a low-level utility, the identification string would look similar to this: ```bash # Example output from 'lsusb' on Linux Bus 002 Device 004: ID 0bda:9210 Realtek Semiconductor Corp. RTL9210 NVMe/SATA Bridge ``` ---
    ✨ Follow-up Questions
    • ⤷Does the RTL9210B chip support UASP for faster transfer speeds?
    • ⤷ Can this enclosure be used with a Thunderbolt 3 port?
    • ⤷ What is the difference between M-Key and B+M Key compatibility in this model?