Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PV-C2B-R/CE

  • AI
    The **ORICO M2PV-C2B** is an external M.2 NVMe SSD enclosure. Understanding its "electronic parts" involves looking at the Printed Circuit Board (PCB) components that facilitate data transfer between an NVMe drive and a USB interface. --- ## 1. Core Electronic Components The device acts as a bridge, converting the PCIe signal of an SSD into a USB signal. | Component | Function | Specification | | :--- | :--- | :--- | | **Main Controller (Bridge Chip)** | The "brain" that handles protocol conversion. | **Realtek RTL9210** | | **Interface Port** | The physical connection point for the computer. | **USB 3.1 Gen 2 Type-C** | | **Internal Connector** | The slot where the SSD is installed. | **M.2 M-Key / B+M Key** | | **Power Management IC** | Regulates voltage from USB (5V) to SSD (3.3V). | Step-down Buck Converter | | **Status Indicator** | Visual feedback for power and data activity. | Blue LED | --- ## 2. Technical Specifications of the PCB The circuitry is designed to support high-speed data throughput while managing the heat generated by NVMe drives. ### A. The RTL9210 Bridge Chip This is the most critical electronic part. It is a **USB 3.1 Gen 2 to PCIe Gen 3 x2** bridge. * **Protocol Support:** NVMe (Non-Volatile Memory express). * **Transmission Speed:** Up to 10Gbps (approx. 1000MB/s). * **Features:** Supports UASP (USB Attached SCSI Protocol) and TRIM commands to maintain SSD longevity. ### B. Power & Safety Circuitry Because NVMe drives can be power-hungry, the electronic layout includes: * **Over-current Protection:** Prevents the SSD from drawing too much power and damaging the host USB port. * **Short-circuit Protection:** Protects the bridge chip and the SSD in case of hardware failure. * **Auto-Sleep Function:** The PCB firmware is programmed to spin down the SSD after 10 minutes of inactivity to save energy and reduce heat. ### C. Physical Design for Electronics * **Thermal Fin Plate:** The aluminum alloy shell acts as a passive heatsink for the electronic components. * **PCB Material:** High-density FR-4 glass epoxy for durability and heat resistance. --- ## 3. Connectivity Summary ```mermaid graph LR A[M.2 NVMe SSD] -- PCIe Signal --> B[Realtek RTL9210 Bridge] B -- USB 3.1 Protocol --> C[Type-C Output Port] C -- Data Cable --> D[Host Computer/Laptop] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum storage capacity supported by the RTL9210 chip in this enclosure?
    • ⤷ Does the M2PV-C2B support SATA-based M.2 drives or only NVMe?
    • ⤷ How does the UASP protocol improve the performance of this specific electronic bridge?