Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PV-C2S5-R/CE

  • AI
    ### Overview of the ORICO M2PV-C2S5-R/CE The **M2PV-C2S5-R/CE** is a high-performance M.2 NVMe SSD enclosure designed by ORICO. Its primary function is to convert an internal M.2 NVMe (PCIe) solid-state drive into a portable external drive via a USB-C interface. --- ### Key Electronic Specifications | Component/Feature | Specification | | :--- | :--- | | **Main Controller (Chipset)** | Realtek RTL9210 | | **Internal Interface** | M.2 M-Key / B&M-Key | | **External Interface** | USB 3.1 Gen 2 Type-C | | **Supported Protocols** | NVMe (PCIe) | | **Transfer Speed** | Up to 10Gbps | | **Max Capacity Support** | 2TB (Typical) | | **Power Supply** | Bus-powered (via USB) | --- ### Detailed Electronic Components #### 1. The Controller: Realtek RTL9210 The "brain" of this device is the **Realtek RTL9210** bridge chip. * **Function:** It translates NVMe commands to USB commands. * **Features:** It includes a built-in power management unit and supports **UASP** (USB Attached SCSI Protocol) and **TRIM** commands, which ensure high-speed data transfer and longevity for the SSD. * **Safety:** The chip features over-current, short-circuit, and over-voltage protection circuits. #### 2. Thermal Management (Electronic/Physical Synergy) While the enclosure is aluminum, the electronic design includes: * **PCB Thermal Pads:** Conductive pads that sit between the SSD and the aluminum housing. * **Power Efficiency:** The RTL9210 is known for low power consumption, which reduces heat generation compared to older JMicron controllers. #### 3. PCB Layout and Connectors * **USB-C Port:** A 24-pin Type-C female connector soldered to the PCB, supporting reversible plugging. * **M.2 Slot:** A standard M-Key slot. Note that this specific model is designed for **NVMe** only and generally does not support SATA-based M.2 drives (B-Key). * **LED Indicator:** A surface-mount LED that indicates power status (solid) and data activity (flashing). --- ### Compatibility Requirements To ensure the electronic parts function at peak performance, the following conditions are required: 1. **Host Port:** Must be USB 3.1 Gen 2 to reach the full **10Gbps** speed. 2. **Drive Type:** Only supports **M.2 NVMe PCIe SSDs** (Sizes: 2230, 2242, 2260, 2280). 3. **Cable:** Requires a high-quality data cable (usually included) capable of handling 10Gbps throughput and sufficient amperage.
    ✨ Follow-up Questions
    • ⤷ Does this enclosure support M.2 SATA SSDs or only NVMe?
    • ⤷ What are the benefits of the Realtek RTL9210 controller over others?
    • ⤷ Will this work with a Thunderbolt 3 or 4 port?