Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PV-C2SB-R2/UL

  • AI
    The **M2PV-C2SB-R2/UL** is a specific variant of a professional-grade M.2 NVMe SSD Enclosure, typically associated with brands like **ORICO**. It is designed to convert an internal M.2 NVMe SSD into a high-speed external drive. Below is a breakdown of the electronic components and technical specifications for this device. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface Protocol** | NVMe (PCIe Gen3 x2 or x4) | | **External Connector** | USB Type-C | | **Transfer Speed** | Up to 10Gbps (USB 3.1 Gen2 / USB 3.2 Gen2) | | **Supported SSD Sizes** | 2230, 2242, 2260, 2280 | | **Max Capacity** | Up to 2TB - 4TB (Depending on firmware) | | **Certification** | UL (Underwriters Laboratories) Certified for safety | --- ### 2. Core Electronic Components The functionality of the M2PV-C2SB-R2 is driven by several critical internal parts: #### A. The Bridge Controller (The "Brain") The heart of the device is a **Bridge Chip**, usually the **Realtek RTL9210**. - **Function:** This IC acts as a translator between the NVMe (PCIe) language of the SSD and the USB language of the computer. - **Features:** It includes integrated voltage regulators and supports UASP (USB Attached SCSI Protocol) and TRIM commands to maintain SSD health. #### B. Power Management Circuitry - **Buck Converters:** Since USB provides 5V but NVMe SSDs require 3.3V, the PCB contains step-down converters to provide stable voltage without overheating. - **Protection Diodes:** These protect the internal circuitry from electrostatic discharge (ESD) and power surges when plugging/unplugging. #### C. Thermal Management Components - **Aluminum Alloy Shell:** The "R2" series usually features a finned aluminum chassis that acts as a passive heatsink. - **Thermal Pad:** An internal silicone pad transfers heat from the SSD controller directly to the metal casing. #### D. Connectivity & Signaling - **USB-C Logic Controller:** Manages the "CC" pins to ensure the cable can be flipped and to negotiate power delivery. - **LED Indicator:** A surface-mount (SMD) LED that flashes during data R/W operations to signal bus activity. --- ### 3. Usage Context (UL Designation) The **"UL"** suffix in the part number indicates that the electronic assembly meets specific safety standards for the North American market. This ensures: 1. **Flame Retardancy:** The PCB and plastics are self-extinguishing. 2. **Current Limiting:** The device will safely shut down if the SSD draws excessive current, preventing damage to the host computer's motherboard.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Realtek RTL9210 and JMicron JMS583 controllers?
    • ⤷ Does this enclosure support SATA-based M.2 drives or only NVMe?
    • ⤷ How does the 'R2' revision differ from the original M2PV model?