Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PV-C2SG-R2

  • AI
    The **M2PV-C2SG-R2** is a high-performance M.2 NVMe SSD enclosure manufactured by **ORICO**. It is designed to convert an internal M.2 NVMe solid-state drive into a portable external storage device. Below is a breakdown of its electronic components, technical specifications, and internal architecture. --- ### 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Control Chipset** | Realtek RTL9210 | | **Output Interface** | USB 3.1 Gen2 Type-C | | **Transmission Speed** | Up to 10Gbps | | **Supported Protocols** | NVMe (PCIe) | | **SSD Form Factors** | 2230, 2242, 2260, 2280 | | **Maximum Capacity** | 2TB | --- ### 2. Key Electronic Components #### A. The Bridge Controller (Realtek RTL9210) The heart of the device is the **Realtek RTL9210**. This is a high-performance bridge chip that translates data between the **USB 3.1 Gen2** protocol and the **PCIe Gen3 x2** interface. - **Efficiency:** It is known for low power consumption and high heat dissipation efficiency compared to older JMicron chips. - **UASP & TRIM:** It supports USB Attached SCSI Protocol (UASP) for faster data transfers and TRIM commands to maintain SSD health over time. #### B. The PCBA (Printed Circuit Board Assembly) The internal PCB is engineered to handle high-frequency signals. Key aspects include: - **Power Management IC (PMIC):** Steps down the 5V USB power to the 3.3V required by NVMe SSDs. - **Circuit Protection:** Usually includes Over-Current Protection (OCP) and Short-Circuit Protection to prevent damage to the host computer or the SSD. #### C. Thermal Management System Because NVMe drives generate significant heat during 10Gbps transfers, the "parts" of this enclosure include a multi-layered cooling solution: 1. **Aluminum Alloy Shell:** Acts as a giant heatsink. 2. **Thermal Silicone Pad:** Conducts heat from the SSD controller to the outer shell. 3. **Fin-style Design:** The "R2" variant often features a finned surface area to increase air contact for convection. --- ### 3. Connection and Interface Logic The device utilizes a **Type-C** physical interface, which allows for reversible plugging and supports the **Power Delivery (PD)** requirements of high-speed NVMe drives. - **Data Path:** SSD (PCIe) → RTL9210 Controller → USB 3.1 Gen2 Logic → Type-C Connector. - **Sleep Mode:** The firmware on the electronic board is programmed to enter a "Smart Sleep" mode after 10 minutes of inactivity to save power and extend the life of the SSD. --- ### 4. Compatibility Summary | Support Category | Compatibility Status | | :--- | :--- | | **M.2 NVMe (M-Key / B+M Key)** | ✅ Supported | | **M.2 SATA (NGFF)** | ❌ Not Supported | | **USB 3.0 / 2.0 Backward Compatibility** | ✅ Supported | | **OS Support** | Windows, Mac OS, Linux, Android |
    ✨ Follow-up Questions
    • ⤷ Does the RTL9210 chipset support firmware updates for improved compatibility?
    • ⤷ What is the difference between the RTL9210 and the RTL9210B versions?
    • ⤷ How much power does an NVMe drive typically draw through this enclosure?