Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PV-C31-R2SLASHUL

  • AI
    The **M2PV-C31** (part of the ORICO series) is an M.2 NVMe SSD enclosure. The internal electronics are designed to bridge the gap between a high-speed PCIe NVMe storage drive and a standard USB interface. Below is a breakdown of the primary electronic components and their functions. --- ### 1. Main Controller Chipset The heart of the device is a **Bridge Controller IC**. Most versions of this model utilize the **Realtek RTL9210** or a similar high-performance bridge chip. | Component | Function | | :--- | :--- | | **Realtek RTL9210** | Converts PCIe Gen3 x2 signals to USB 3.1 Gen 2 (10Gbps). | | **Protocol Support** | Translates NVMe (Non-Volatile Memory Express) commands into USB Mass Storage Class (MSC) or UASP (USB Attached SCSI Protocol). | | **Firmware Flash** | A small SPI Flash chip stores the firmware that manages power states and LED behaviors. | ### 2. Power Management & Regulation Since M.2 NVMe SSDs require stable 3.3V power and can draw significant current (up to 2-3A during bursts), the internal PCB contains sophisticated power circuitry: * **DC-DC Buck Converter:** Steps down the 5V power from the USB port to the 3.3V required by the SSD. * **Voltage Regulators (LDO):** Provide clean, low-noise power to the controller chip itself. * **Over-Current Protection (OCP):** Prevents the enclosure from damaging the host computer if the SSD shorts out. ### 3. Connection Interfaces The electronics bridge two distinct physical standards: 1. **M-Key M.2 Slot:** A 75-pin connector that accepts 2230, 2242, 2260, and 2280 form factor NVMe drives. 2. **USB Type-C Female Port:** Supports reversible connections and the USB 3.1 Gen 2 signaling standard. ### 4. Thermal Management Features NVMe controllers generate significant heat. The "R2" design often includes: * **Thermal Pads:** Conductive silicone pads that transfer heat from the SSD chips to the aluminum casing. * **Copper Traces:** Large copper pour areas on the PCB to act as a heat sink. ### 5. LED Indicator Circuit A simple logic circuit connected to the controller's GPIO pins: * **Solid Light:** Power is connected. * **Flashing Light:** Data transfer (I/O activity) is occurring. --- ### Technical Specifications Summary | Feature | Specification | | :--- | :--- | | **Input Interface** | USB 3.1 Gen 2 Type-C | | **Output Interface** | M.2 M-Key (NVMe) | | **Max Speed** | 10Gbps (approx. 1000MB/s) | | **UASP Support** | Yes (Enabled for faster transfer) | | **Sleep Mode** | Automatic 10-minute idle sleep |
    ✨ Follow-up Questions
    • ⤷ Does this enclosure support SATA M.2 drives or only NVMe?
    • ⤷ What is the maximum storage capacity supported by the RTL9210 controller?
    • ⤷ How do I update the firmware on the M2PV-C31?