Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PV-C35-R/UL

  • AI
    The **M2PV-C35-R/UL** is a high-performance M.2 NVMe SSD enclosure manufactured by **ORICO**. It is designed to convert an internal M.2 SSD into a portable external drive. Below is a breakdown of its electronic components, technical specifications, and internal architecture. --- ## 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Main Controller** | Realtek RTL9210 | | **Output Interface** | USB 3.1 Gen2 Type-C | | **Transmission Speed** | 10Gbps (Theoretical) | | **Supported Protocols** | NVMe (PCIe) | | **Input Interface** | M-Key / B&M-Key | | **Max Capacity** | Up to 2TB | --- ## 2. Key Electronic Components ### A. The Bridge Controller (Realtek RTL9210) The heart of this device is the **Realtek RTL9210**. This is a high-performance bridge chip that acts as a translator between the **PCIe NVMe** protocol of the SSD and the **USB 3.1** protocol of the computer. * **Low Power Consumption:** It is known for having a lower operating temperature compared to older JMicron controllers. * **UASP & Trim Support:** It supports USB Attached SCSI Protocol (UASP) for faster data transfers and TRIM commands to maintain SSD longevity. ### B. Power Management Circuitry Since NVMe SSDs can draw significant power (especially during heavy writes), the PCB includes: * **Step-down Converters (Buck Regulators):** Converts the 5V provided by the USB port to the 3.3V required by the M.2 SSD. * **Over-current Protection:** Prevents the SSD from being damaged by power surges from the host device. ### C. PCB Design and Thermal Management * **Copper Strips:** The internal PCB often features double-sided copper bars to help dissipate heat from the controller and the SSD. * **LED Indicator:** A surface-mounted LED provides visual feedback on power status and data activity (blinking during read/write). --- ## 3. Physical & Material Construction 1. **Aluminum Alloy Shell:** The outer casing acts as a giant heatsink. 2. **Internal Fin Design:** The "C35" series often features a finned surface on the top cover to increase the surface area for passive cooling. 3. **Tool-Free or Screw-Lock:** Depending on the specific revision, it uses a sliding mechanism or screws to secure the internal PCB. --- ## 4. Compatibility Requirements To achieve the advertised speeds, the electronic ecosystem must be compatible: * **SSD Type:** Must be **NVMe M.2** (M-Key). It is generally *not* compatible with older SATA M.2 (B-Key) SSDs. * **Host Port:** Must be plugged into a **USB 3.1 Gen2** or **Thunderbolt 3/4** port to reach the 1000MB/s limit. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Realtek RTL9210 and the RTL9210B controller?
    • ⤷ Does this enclosure support SATA-based M.2 SSDs?
    • ⤷ How does the thermal throttling work in this specific model?