Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PV-C36-R

  • AI
    The **ORICO M2PV-C36-R** is a high-performance M.2 NVMe SSD enclosure designed to convert internal SSDs into portable external drives. Below is a breakdown of its electronic components, internal architecture, and technical specifications. --- ## 1. Internal Architecture & Components The M2PV-C36-R relies on a bridge controller to translate data between the NVMe protocol and the USB standard. | Component | Description | | :--- | :--- | | **Main Controller** | **Realtek RTL9210:** A high-end bridge chip that converts PCIe Gen3 x2 to USB 3.1 Gen2. | | **Interface (Internal)** | **M-Key / B&M-Key:** Supports M.2 NVMe SSDs (does not support SATA M.2). | | **Interface (External)** | **USB Type-C:** Supports the USB 3.1 Gen2 standard (10Gbps). | | **PCB Construction** | Multi-layer PCB with gold-plated traces for improved signal integrity. | | **Thermal Management** | Integrated copper bars on the PCB and a dedicated aluminum alloy heatsink/fin design. | --- ## 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Transfer Rate** | Up to 10Gbps (Theoretical) | | **Supported Protocols** | NVMe (PCIe) | | **Form Factors** | 2230, 2242, 2260, 2280 | | **Maximum Capacity** | Up to 2TB | | **UASP / Trim** | Supported (Improves command queuing and longevity) | | **Sleep Mode** | Automatic 10-minute smart sleep to protect electronic lifespan | --- ## 3. Key Electronic Features ### A. Realtek RTL9210 Bridge Chip The heart of the device is the **RTL9210**. This chip is highly regarded in the industry for: * **Low Heat Generation:** It consumes less power compared to older JMicron controllers, reducing thermal throttling. * **Plug-and-Play:** It includes integrated firmware that handles driver-free installation for Windows, Mac, and Linux. ### B. Power & Protection Circuitry The device includes onboard voltage regulators to convert the 5V supplied by the USB port into the 3.3V required by NVMe SSDs. * **Over-current Protection:** Prevents surges from damaging the SSD. * **Short-circuit Protection:** Safeguards the host computer in case of a drive failure. ### C. Signal Integrity Because 10Gbps is a high-frequency signal, the M2PV-C36-R utilizes: * **Differential Pair Routing:** Ensures the USB-C data lines (TX/RX) are matched to prevent data corruption. * **Shielding:** The aluminum alloy shell acts as a Faraday cage to reduce EMI (Electromagnetic Interference). --- ## 4. Hardware Connection Layout ```mermaid graph LR A[NVMe SSD] -- PCIe Gen3 x2 --> B[Realtek RTL9210 Controller] B -- USB 3.1 Gen2 --> C[USB-C Port] C -- Cable --> D[Host PC/Laptop] ```
    ✨ Follow-up Questions
    • ⤷ Does this enclosure support M.2 SATA drives as well?
    • ⤷ What is the real-world read/write speed of the RTL9210 chip?
    • ⤷ Are there specific power requirements for using a 2TB SSD with this enclosure?