Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PV-C3B-R2

  • AI
    The **M2PV-C3B-R2** is a specific model of an M.2 NVMe SSD enclosure manufactured by **ORICO**. It is designed to convert an internal M.2 SSD into a high-speed external portable drive. Below is a breakdown of its electronic components, technical specifications, and internal architecture. --- ### 1. Key Technical Specifications The device acts as a bridge between the PCIe/NVMe protocol and the USB protocol. | Feature | Specification | | :--- | :--- | | **Main Controller** | Realtek RTL9210 | | **Interface (Internal)** | M.2 M-Key / B+M Key | | **Interface (External)** | USB 3.1 Gen2 Type-C | | **Transmission Speed** | Up to 10Gbps | | **Supported Protocols** | NVMe (PCIe) | | **UASP / Trim** | Supported | --- ### 2. Core Electronic Components #### A. The Bridge Controller (The "Brain") The heart of this device is usually the **Realtek RTL9210**. - **Function:** This IC translates the PCIe signals from the NVMe SSD into USB 3.1 Gen2 signals. - **Efficiency:** It is known for low power consumption and high compatibility with various operating systems (Windows, Mac, Linux, Android). #### B. Power Management Circuitry Since USB ports provide 5V and M.2 NVMe drives typically require 3.3V, the PCB contains: - **DC-to-DC Buck Converter:** Steps down the voltage from 5V (USB) to a stable 3.3V required by the SSD. - **Voltage Regulator:** Ensures stable current to prevent data corruption during high-load read/write operations. #### C. Thermal Management Components Electronic performance in M.2 enclosures is heavily limited by heat. The M2PV-C3B-R2 uses: - **Aluminum Alloy Fin Design:** The top cover acts as a passive heatsink. - **Thermal Pads:** These conduct heat from the SSD controller and NAND chips directly to the metal casing. - **Built-in Cooling Fan:** This specific "PV" series model often includes a miniature active cooling fan to prevent thermal throttling of the bridge chip and the SSD. --- ### 3. Data Interface & Connectivity The PCB layout follows high-speed signal integrity rules to maintain 10Gbps speeds. 1. **USB-C Port:** A 24-pin physical interface that supports reversible connection and high-speed data pairs. 2. **M.2 Slot:** A physical connector that supports the **2230, 2242, 2260, and 2280** form factors. 3. **LED Indicator:** A small Surface Mount Device (SMD) LED that indicates power status (solid) and data transfer (flashing). --- ### 4. Safety & Protection Features The electronics include several layers of hardware-level protection: - **Over-current Protection:** Prevents damage if the SSD draws too much power. - **Short-circuit Protection:** Shuts down the bridge if a fault is detected. - **Sleep Mode Logic:** The firmware automatically spins down/powers down the SSD after 10 minutes of inactivity to prolong the electronic lifespan of the NAND flash. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum storage capacity supported by the RTL9210 controller?
    • ⤷ Does this model support SATA-based M.2 drives or only NVMe?
    • ⤷ How does the active cooling fan impact the power draw from a laptop USB port?