Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PV-C3F-R2/N

  • AI
    The **M2PV-C3F-R2/N** (often referred to as the ORICO M2PV) is an external NVMe M.2 SSD enclosure. While it is sold as a consumer peripheral, its internal electronic design is centered around a bridge controller that translates PCIe signals to USB protocols. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Core Architecture & Chipset The performance of this device is dictated by its bridge controller. Most revisions of the M2PV series utilize the **Realtek RTL9210** or **RTL9210B** chipset. | Component | Specification | | :--- | :--- | | **Bridge Controller** | Realtek RTL9210 (High-performance USB 3.1 Gen 2 to PCIe Gen3 x2) | | **Interface Speed** | 10Gbps (Theoretical max ~1000MB/s) | | **Protocol Support** | NVMe (PCIe) only (Note: Some "B" revisions support SATA, but the C3F-R2 is primarily NVMe) | | **UASP Support** | Yes (USB Attached SCSI Protocol) for reduced CPU overhead | | **TRIM Support** | Yes (Ensures SSD longevity and speed maintenance) | --- ### 2. Printed Circuit Board (PCB) Layout The internal electronics are laid out on a multi-layer PCB designed for heat dissipation and signal integrity: * **Voltage Regulation:** Includes a DC-to-DC buck converter to step down the 5V USB power to the 3.3V required by M.2 NVMe drives. * **Power Management:** Integrated circuit (IC) that manages the "Auto-Sleep" function (typically kicks in after 10 minutes of inactivity) to protect the SSD and reduce power consumption. * **LED Indicator:** A surface-mount LED (SMD) that signals power (solid) and data transfer (flashing). --- ### 3. Thermal Management Components Because NVMe drives generate significant heat, the electronic design includes passive cooling elements: 1. **Thermal Pad:** A high-conductivity silicone pad placed between the SSD and the aluminum PCB tray. 2. **Heat Fin Plate:** The top of the enclosure features an integrated aluminum alloy "fin" design to increase surface area for heat exchange. 3. **Conductive Copper:** The PCB itself usually features copper pours to help wick heat away from the controller chip. --- ### 4. Connectivity & Power The device uses a **USB Type-C** female port as its primary interface. * **Data Pins:** Uses differential pairs for high-speed RX/TX signals. * **Power Delivery:** Draws power directly from the host USB port. It is rated for roughly 5V/0.9A, though it can peak higher depending on the installed SSD's requirements. * **Compatibility:** Backward compatible with USB 3.0 (5Gbps) and USB 2.0 (480Mbps). --- ### Technical Summary Table | Feature | Detail | | :--- | :--- | | **Internal Slot** | M-Key / B&M-Key (NVMe) | | **Form Factors** | 2230, 2242, 2260, 2280 | | **Max Capacity** | 2TB (Typical electronic limit of the controller firmware) | | **Material** | Aluminum Alloy + ABS Plastic | ---
    ✨ Follow-up Questions
    • ⤷ Does the RTL9210 chipset support firmware updates for better compatibility?
    • ⤷ Can this enclosure be used with a Thunderbolt 3 port?
    • ⤷ What is the impact of the 10-minute auto-sleep feature on SSD health?