Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PV-C3SC-R/Q

  • AI
    The **ORICO M2PV-C3** (model M2PV-C3SC-R/Q) is a high-performance M.2 NVMe SSD enclosure. Below is a detailed breakdown of its electronic components, technical specifications, and internal architecture. --- ## 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Main Control Chip** | Realtek RTL9210 | | **Interface Protocol** | NVMe (PCIe Gen3 x2) to USB 3.1 Gen2 | | **Maximum Data Rate** | 10Gbps (approx. 1000MB/s) | | **Physical Interface** | USB Type-C | | **Supported SSD Keys** | M-Key / B+M Key | | **Max Capacity Support** | Up to 2TB | --- ## 2. Key Electronic Components ### A. The Bridge Controller (Realtek RTL9210) The heart of this device is the **Realtek RTL9210** bridge chip. This specific integrated circuit (IC) is responsible for translating PCIe signals from the NVMe drive into USB signals for the computer. * **Low Power Consumption:** Unlike older JMicron controllers, the RTL9210 is known for lower heat generation. * **UASP & TRIM Support:** It supports USB Attached SCSI Protocol (UASP) for faster data transfers and TRIM commands to maintain SSD longevity. * **Firmware Upgradability:** The chip allows for firmware updates to improve compatibility with newer SSD models. ### B. Power Management System The PCB (Printed Circuit Board) contains several small electronic components to ensure stable operation: * **Step-down Regulators (DC-DC):** Converts the 5V power from the USB port to the 3.3V required by NVMe SSDs. * **Filtering Capacitors:** High-quality SMD capacitors are used to smooth out voltage ripples, preventing data corruption during high-load read/write cycles. ### C. Thermal Management Hardware Because NVMe drives generate significant heat during 10Gbps transfers, the "C3" model employs a multi-layer cooling strategy: 1. **Aluminum Alloy Fin Plate:** The top cover acts as a passive heatsink. 2. **Thermal Pad:** A silicone pad bridges the gap between the SSD chips and the aluminum cover. 3. **PC + ABS Housing:** The bottom uses high-temperature resistant plastic to protect the user from heat. --- ## 3. Connector Pinout and Compatibility The device uses an **M.2 M-Key slot**, which is electronically compatible with: * **NVMe M.2 SSDs** (2230, 2242, 2260, and 2280 sizes). * **Note:** It is *not* compatible with M.2 SATA (NGFF) protocols, as the RTL9210 chip in this specific revision is dedicated to PCIe/NVMe. --- ## 4. Safety Features The internal circuitry includes: * **Over-current Protection:** Prevents the SSD from drawing too much power and damaging the host motherboard. * **Short-circuit Protection:** Automatically cuts power if a hardware fault is detected. * **Auto-Sleep Function:** The controller enters a low-power state after 10 minutes of inactivity to reduce electronic wear.
    ✨ Follow-up Questions
    • ⤷ Does this model support SATA-based M.2 drives?
    • ⤷ How do I update the RTL9210 firmware for better stability?
    • ⤷ What is the difference between the RTL9210 and the RTL9210B chip?