Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PV-C3SF-R/CE

  • AI
    The **ORICO M2PV-C3** is a high-performance M.2 NVMe SSD enclosure. The model suffix (SF-R/CE) typically refers to specific retail packaging or regional certifications (CE marking for Europe). Below is a breakdown of the electronic components and technical specifications that drive this device. --- ### 1. Core Technical Specifications The device acts as a bridge between an NVMe SSD and a USB interface. | Feature | Specification | | :--- | :--- | | **Main Controller** | Realtek RTL9210 | | **Interface (External)** | USB 3.1 Gen 2 Type-C | | **Interface (Internal)** | M-Key / B+M Key (NVMe PCI-E Protocol) | | **Transmission Rate** | Up to 10Gbps | | **Max Capacity Support** | 2TB | | **UASP / Trim** | Supported | --- ### 2. Key Electronic Components #### A. The Bridge Controller (Realtek RTL9210) This is the "brain" of the PCB. It translates the **PCIe NVMe** signals from the SSD into **USB 3.1** signals for your computer. * **Low Power Consumption:** The RTL9210 is known for lower heat generation compared to older JMicron controllers. * **Firmware Upgradeable:** The chip allows for firmware updates to improve compatibility with newer SSD brands. #### B. Power Management Circuitry Since NVMe SSDs can draw significant power (up to 3.3V / 2A-3A), the PCB includes: * **DC-DC Step-down Converters:** Converts the 5V supplied by the USB port into a stable 3.3V required by the M.2 drive. * **Capacitors:** Surface-mount tantalum or multilayer ceramic capacitors (MLCC) to filter electrical noise and prevent data corruption during minor power fluctuations. #### C. Thermal Management Parts NVMe drives generate significant heat during 10Gbps transfers. * **Thermal Pad:** A silicone-based pad that conducts heat from the electronic chips to the outer shell. * **Aluminum Fin Plate:** The "C3" series usually features a finned aluminum alloy top cover which acts as a passive heatsink. --- ### 3. Compatibility Matrix The M2PV-C3 is specifically designed for **NVMe** (PCIe) drives. It is not compatible with older SATA-based M.2 drives. | Drive Type | Compatibility | | :--- | :--- | | **M.2 NVMe (M-Key)** | ✅ Yes (Full Speed) | | **M.2 NVMe (B+M Key)** | ✅ Yes | | **M.2 SATA (NGFF)** | ❌ No | | **Form Factors** | 2230, 2242, 2260, 2280 | --- ### 4. Safety and Protection Features * **Over-current Protection:** Prevents damage to the SSD if the USB port malfunctions. * **Short-circuit Protection:** Shuts down the controller if a short is detected on the PCB. * **Sleep Mode:** Automatically enters "Auto-Sleep" after 10 minutes of inactivity to prolong the lifespan of the SSD's NAND flash and the controller.
    ✨ Follow-up Questions
    • ⤷ How does the RTL9210 controller compare to the JMS583 in terms of stability?
    • ⤷ Can this enclosure be used with a Thunderbolt 3 port at full speed?
    • ⤷ What are the specific thermal limits of the M2PV-C3 aluminum housing?