Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2REB-R21-R2/CE

  • AI
    The **M2REB-R21-R2/CE** is a specialized electronic component, typically categorized as a **Magnetic Rotary Encoder Board** or a sensor module used in motion control systems. These parts are frequently found in industrial automation, robotics, and high-precision motor feedback systems. Below is a breakdown of its electronic characteristics and functional components. --- ## 1. Core Specifications The model name indicates a specific configuration involving resolution, output type, and electrical interface. | Feature | Description | | :--- | :--- | | **Technology** | Magnetic sensing (Hall-effect or Magnetoresistive) | | **Output Type** | Incremental (A, B, Z phases) or Serial | | **Voltage Supply** | Typically 5V DC or 12-24V DC (industrial standard) | | **Resolution** | Determined by the "R21" code (often relates to pulses per revolution) | | **Connection** | Ribbon cable or high-density pin header | --- ## 2. Key Electronic Components The board consists of several critical stages to convert physical rotation into digital data: ### A. Magnetic Sensor IC This is the heart of the board. It detects the change in the magnetic field from a rotating permanent magnet attached to a motor shaft. It provides high immunity to dust and oil compared to optical encoders. ### B. Signal Conditioning (Op-Amps/Comparators) Raw signals from magnetic sensors are weak and analog. The board uses operational amplifiers to: * Filter out electromagnetic interference (EMI). * Amplify the sine/cosine waves for processing. ### C. Interpolator / Logic Controller To achieve high resolution (e.g., "R21" precision levels), the board uses an interpolation chip. This multiplies the base pulses to provide finer positional data. ### D. Line Drivers (RS-422 / TTL) To ensure the signal can travel long distances to a PLC or CNC controller without degradation, the board utilizes **Differential Line Drivers**. These convert the internal logic into balanced signals (A+, A-, B+, B-). --- ## 3. Connector Pinout Overview While pinouts can vary by manufacturer (often used in Panasonic or Yaskawa-compatible ecosystems), a standard "R" series interface usually includes: * **VCC/GND:** Power supply pins. * **A / B Phases:** Quadrature signals for speed and direction. * **Z Phase:** Index pulse (once per revolution) for homing. * **U / V / W Phases:** Commutation signals (if used for Brushless DC motors). --- ## 4. Application Context The **"CE"** suffix indicates compliance with European safety and environmental standards (Conformité Européenne), meaning it includes: 1. **ESD Protection:** Diodes to protect against static electricity. 2. **EMI Shielding:** Proper grounding planes to prevent radio interference.
    ✨ Follow-up Questions
    • ⤷ What is the exact resolution or PPR (Pulses Per Revolution) for the R21 variant?
    • ⤷ Is this encoder board compatible with specific motor brands like Panasonic or Omron?
    • ⤷ What are the common failure symptoms for magnetic encoder boards?