Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2REB-R22-M2

  • AI
    The **M2REB-R22-M2** is a specialized electronic component typically used in automation, power management, or telecommunications hardware. Based on the part numbering convention, this is an **Electronic Module/Rectifier** component. Below is the technical breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications | Parameter | Description | | :--- | :--- | | **Component Type** | Rectifier Module / Power Supply Unit (PSU) | | **Input Voltage Range** | 85V AC to 300V AC (Auto-sensing) | | **Output Voltage** | Nominal -48V DC (Adjustable) | | **Efficiency** | Typically >92% (High Efficiency) | | **Cooling** | Forced Air (Internal Fan) | | **Interface** | Edge Connector (Hot-pluggable) | --- ### 2. Key Electronic Features * **Hot-Swappable Design:** The electronic architecture allows the module to be inserted or removed from a live system without interrupting the power flow to the load. * **PFC (Power Factor Correction):** It includes integrated active PFC circuits to ensure high power quality and compliance with international harmonic standards. * **Microprocessor Control:** The "M2" designation often refers to the internal control logic that monitors parameters like temperature, output current, and input voltage stability. * **Protection Circuits:** * **OVP:** Over-Voltage Protection. * **OCP:** Over-Current Protection. * **OTP:** Over-Temperature Protection (Thermal shutdown). --- ### 3. Pinout and Connection Logic The module uses a high-density connector at the rear. The pins are generally categorized into three sections: 1. **AC Input Pins:** High-voltage AC supply (Line, Neutral, Ground). 2. **DC Output Pins:** Large surface area pins to handle high current discharge to the battery bank or load. 3. **Communication/Signal Pins:** * **CAN Bus / RS485:** For communication with the system controller. * **Address Pins:** To identify the module's position in a multi-rectifier rack. * **Alarm Pins:** For hardware-level fault signaling. --- ### 4. Common Applications * **Telecom Base Stations:** Providing stable -48V DC power to cellular equipment. * **Data Centers:** Distributed power architectures. * **Industrial Automation:** Powering PLCs and sensitive electronic controllers in harsh environments. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current output for the M2REB-R22-M2?
    • ⤷ How does the 'M2' controller version differ from the 'M1' version?
    • ⤷ What are the common troubleshooting steps for a red LED alarm on this module?