Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2REB-R22-P

  • AI
    The **M2REB-R22-P** is a specific model within the series of high-performance industrial rotary encoders or sensory components (often associated with brands like Autonics or similar industrial automation manufacturers). It is designed to convert mechanical rotation into electrical signals for precise position monitoring. --- ### Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Type** | Absolute Rotary Encoder / Multi-turn | | **Output Interface** | Parallel / BCD / Binary (depending on exact sub-logic) | | **Power Supply** | Typically 12-24VDC | | **Connection Type** | Radial Cable or Connector (indicated by 'R') | | **Physical Diameter** | 50mm - 60mm (Standard industrial frame) | | **Resolution** | 10-bit to 12-bit per turn | --- ### Key Electronic Components & Functions #### 1. The Optical Disc (Code Wheel) The heart of the device is a transparent disc with opaque markings. As it rotates, it chops a light beam into pulses. In the "REB" series, this is often an **Absolute Disc**, meaning it provides a unique bit pattern for every position, so position is never lost even if power is cut. #### 2. Light Source (LED) Uses an Infrared LED as the emitter. These are chosen for their long life and stability across varying temperatures. #### 3. Photo-Detector Array A specialized IC or discrete phototransistor array receives the light passing through the disc. It converts the light patterns into low-level electrical signals. #### 4. Signal Processing IC This internal circuit performs several tasks: * **Amplification:** Boosting the weak signal from the photo-detectors. * **Digitization:** Converting analog sine-waves into square waves. * **Logic Conversion:** Translating the disc pattern into a specific code (like Gray Code or Binary). #### 5. Output Driver (Transistor Circuit) The **"P"** in the suffix often indicates the output logic type (e.g., **PNP Open Collector** or Totem Pole). * **PNP Output:** When the signal is "high," the device connects the output pin to the positive supply voltage ($V_{cc}$). * **Protection:** Includes diodes to prevent damage from reverse polarity or voltage spikes (back-EMF). --- ### Wiring and Connectivity The **R22** designation usually refers to the physical housing and the cable exit style (Radial exit). ```yaml Standard Wiring Color Code (Typical): Brown: +V (12-24VDC) Blue: 0V (GND) Black: Output Bit 0 (LSB) White: Output Bit 1 ... ... Shield: Grounding/Noise Reduction ``` --- ### Applications * **Robotic Arms:** Determining the exact angle of joints. * **CNC Machinery:** Precision feedback for tool positioning. * **Packaging Lines:** Synchronizing conveyor belt speeds with labeling heads.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an absolute and incremental encoder in this series?
    • ⤷ How do I wire a PNP output encoder to a PLC?
    • ⤷ What are the environmental protection ratings (IP) for the M2REB series?