Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2REB-R23-R2/CE

  • AI
    The **M2REB-R23-R2/CE** is a specialized electronic component, typically categorized as a **Magnetic Rotary Encoder Board** or a sensor module used in precision industrial automation. These parts are frequently integrated into servo motors or robotic joints to provide feedback on position and speed. --- ### 1. Technical Specifications Overview Based on standard nomenclature for this series, here are the primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | Magnetic Rotary Encoder / Sensor Board | | **Input Voltage** | Typically 5V DC (±10%) | | **Output Signal** | Incremental (A, B, Z channels) or Serial (SSI/BiSS) | | **Resolution** | High-definition (Often 1024 to 4096 pulses per revolution) | | **Connection Type** | Multi-pin header or Ribbon cable interface | | **Compliance** | CE (European Conformity) | --- ### 2. Key Electronic Sub-systems #### A. Hall Effect / Magnetoresistive Sensor IC The heart of the board is an integrated circuit (IC) that detects changes in the magnetic field. As a magnetic disc rotates above the chip, the IC converts the magnetic angle into electrical sine/cosine waves. #### B. Signal Processing (Interpolation) The board contains resistors, capacitors, and an interpolator chip. These components: * Filter electronic noise from the power line. * Convert raw analog magnetic data into digital square waves (TTL/RS422). #### C. Driver Circuitry To ensure the signal can travel through long cables without degradation, the board utilizes **Differential Line Drivers**. This allows for high-speed data transmission with high immunity to electromagnetic interference (EMI). --- ### 3. Connection Pinout (General) While specific pinouts vary by manufacturer (often used in Delta or Yaskawa compatible systems), the typical wiring includes: 1. **VCC:** Power Supply (+) 2. **GND:** Ground (-) 3. **A / A-:** Incremental Phase A 4. **B / B-:** Incremental Phase B 5. **Z / Z-:** Index pulse (once per revolution) 6. **Shield:** Protection against static/noise --- ### 4. Common Applications * **CNC Machinery:** For precise spindle or axis positioning. * **Robotic Arms:** To monitor the exact angle of elbow or wrist joints. * **Medical Equipment:** High-reliability feedback for scanning tables or pumps.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an incremental and an absolute encoder board?
    • ⤷ How do I troubleshoot a 'Signal Loss' error on this specific module?
    • ⤷ Which magnetic disc is compatible with the M2REB series?