Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2REB-R24-P

  • AI
    The **M2REB-R24-P** is a specific part number typically associated with the **M2RE Series** of electronic components, often manufactured by companies like **IDEC** or specialized industrial interface providers. This specific code identifies a **Relay Terminal Block** or a **Relay Interface Module**. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This device serves as an interface between a controller (like a PLC) and field devices, providing isolation and switching capabilities. | Feature | Description | | :--- | :--- | | **Component Type** | Relay Interface Terminal / Relay Board | | **Number of Channels** | 24 Channels | | **Input Voltage** | 24V DC (Standard for Industrial Control) | | **Mounting Style** | DIN Rail Mount | | **Terminal Type** | Screw or Push-in terminals (depending on sub-series) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the hardware requirements: * **M2REB**: The series designation (Modular Relay Board). * **R**: Indicates "Relay" output. * **24**: Represents the number of points (24-way/24-channel). * **P**: Usually indicates the polarity or connection type (e.g., **PNP** sourcing logic or Positive common). --- ### 3. Key Electronic Functions #### A. Galvanic Isolation The module uses electromagnetic relays to separate the low-power control circuit (Logic) from the high-power load circuit. This protects sensitive PLCs from voltage spikes or short circuits in the field. #### B. Switching Capacity Each of the 24 channels typically supports: * **Voltage:** Up to 250V AC / 30V DC. * **Current:** Generally rated between 2A to 5A per relay (refer to specific datasheet for thermal derating). #### C. LED Indicators Most versions of the R24-P include individual status LEDs for each of the 24 channels, allowing for rapid visual troubleshooting of signal flow. --- ### 4. Typical Wiring Diagram (Conceptual) ```mermaid graph LR A[PLC 24V DC Out] --> B[Ribbon Cable/Terminal] B --> C{M2REB-R24-P Board} C --> D[Relay Coil] D --> E[Dry Contact Output] E --> F[Field Load: Motor/Solenoid] ``` --- ### 5. Application Use Cases * **PLC I/O Expansion:** Expanding the output capacity of a PLC using a single ribbon cable. * **Signal Multiplication:** Taking one control signal to trigger multiple isolated loads. * **Voltage Conversion:** Using a 24V DC logic signal to switch a 230V AC motor starter.
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating per channel for the M2REB-R24-P?
    • ⤷ Does this module support NPN input logic as well as PNP?
    • ⤷ What type of connector is typically used for the control input?