Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2REB-R2A-R

  • AI
    The **M2REB-R2A-R** is a specific part number typically associated with high-performance networking hardware, specifically **Mellanox (now NVIDIA Networking)** ConnectX series adapter cards. This specific SKU often refers to an OCP (Open Compute Project) form factor network interface card. --- ## Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | NVIDIA (Mellanox) | | **Product Line** | ConnectX-4 / ConnectX-5 (Variable by revision) | | **Interface Type** | OCP Spec 2.0 (Mezzanine) | | **Data Rate** | 25GbE / 50GbE / 100GbE (Model dependent) | | **Port Configuration** | Dual Port (2x) | | **Connector Type** | SFP28 / QSFP28 | | **Host Interface** | PCIe 3.0 x16 / x8 | --- ## Electronic Components & Subsystems The card is composed of several critical electronic layers that manage high-speed data transmission: ### 1. Integrated Circuit (ASIC) The heart of the board is the **Mellanox ConnectX ASIC**. This chip handles: * **Hardware Offloads:** RDMA over Converged Ethernet (RoCE), NVMe over Fabrics (NVMe-oF), and VXLAN/NVGRE encapsulation. * **Protocol Management:** Managing the InfiniBand or Ethernet physical and link layers. ### 2. Power Management (VRM) High-speed networking chips consume significant power and generate heat. The board includes: * **Voltage Regulator Modules (VRMs):** Convert the 12V supply from the OCP slot to the low voltages (usually 0.8V to 1.2V) required by the ASIC. * **Inductors and Capacitors:** Used for filtering noise and ensuring steady current during high-load data bursts. ### 3. High-Speed Differential Pairs The PCB (Printed Circuit Board) is designed with high-grade dielectric materials (like Megtron 6) to handle high-frequency signals. * **Impedance Control:** The traces are tuned to 100 ohms differential impedance to prevent signal reflection. * **Retimers/Redrivers:** Some versions include small chips to clean up the signal across the board traces. ### 4. EEPROM and Flash Memory * **Firmware Storage:** A SPI Flash chip stores the card's firmware and configuration. * **FRU EEPROM:** A small memory chip that stores Field Replaceable Unit information (Serial Number, MAC address, and Part Number) accessible via I2C/SMBus. ### 5. Physical Interface (PHY) The "R" in the suffix often denotes the specific physical layer configuration. These parts utilize high-speed SERDES (Serializer/Deserializer) to translate internal parallel data into high-speed serial data for the SFP/QSFP cages. --- ## Common Use Cases * **Data Centers:** High-density server environments using OCP standards. * **Cloud Computing:** Utilizing RoCE for low-latency communication between virtual machines. * **High-Performance Computing (HPC):** Providing the throughput necessary for large-scale cluster processing.
    ✨ Follow-up Questions
    • ⤷What is the difference between the OCP 2.0 and OCP 3.0 form factors for this card?
    • ⤷ How do I update the firmware on a Mellanox M2REB-R2A-R card?
    • ⤷ Does this specific model support InfiniBand or only Ethernet?