Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2REB-R2B-P

  • AI
    The **M2REB-R2B-P** is a high-performance system-on-module (SoM) or core board typically associated with specialized edge computing or embedded vision platforms. It is often part of the ecosystem for high-speed signal processing or vision-guided robotics. Below is a breakdown of its electronic components and technical specifications. --- ## 1. Core Component Architecture The M2REB-R2B-P is generally built around a **Rockchip RK3588** or similar high-end SoC architecture, designed for AIoT (Artificial Intelligence of Things) applications. ### Key Specifications Table | Feature | Specification | | :--- | :--- | | **Main Processor** | Octa-core (Cortex-A76 + Cortex-A55) | | **NPU (Neural Processing Unit)** | 6.0 TOPS (Trillion Operations Per Second) | | **GPU** | ARM Mali-G610 MC4 (Supports OpenGL ES 3.2, OpenCL 2.2, Vulkan 1.1) | | **Memory (RAM)** | LPDDR4x / LPDDR5 (Typically 4GB, 8GB, or 16GB options) | | **Storage (eMMC)** | 16GB / 32GB / 64GB / 128GB High-speed Flash | | **PMIC** | Integrated Power Management IC for multi-rail voltage regulation | --- ## 2. Interface and Connectivity The board utilizes high-density connectors (often B2B - Board-to-Board connectors) to interface with a carrier board. * **Video Output/Input:** * **HDMI 2.1:** Supports up to 8K @ 60fps. * **MIPI-CSI:** Multiple lanes for high-resolution camera modules. * **MIPI-DSI:** For LCD panel integration. * **Networking:** * Gigabit Ethernet (RGMII interface). * PCIe 3.0 support for high-speed Wi-Fi 6 or NVMe SSDs. * **Peripheral I/O:** * USB 3.1 Gen 1 and USB 2.0. * UART, SPI, I2C, and GPIO for sensor integration. --- ## 3. Power and Thermal Management Because of the high-performance SoC, the electronic design includes: 1. **Dynamic Voltage and Frequency Scaling (DVFS):** To balance performance and heat. 2. **Decoupling Capacitors:** Extensive use of MLCC (Multi-Layer Ceramic Capacitors) around the SoC to ensure power integrity during high-speed switching. 3. **Thermal Pad Area:** The underside or top usually features a dedicated thermal interface area for heatsink attachment. --- ## 4. Hardware ID Meaning (Common Naming Convention) While "M2REB-R2B-P" is a specific SKU, the suffix often denotes: * **R2B:** Revision 2.0, Grade B components. * **P:** Industrial grade or specialized "Plus" performance tuning. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the B2B connectors on this module?
    • ⤷ Does this board support real-time operating systems (RTOS) or just Linux/Android?
    • ⤷ What are the specific power supply voltage requirements for the M2REB-R2B-P?