Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2REB-R31-R2

  • AI
    The **M2REB-R31-R2** is a specialized electronic component typically used in high-speed networking and telecommunications equipment. It is most commonly identified as a **SFP (Small Form-factor Pluggable) to RJ45 Transceiver module** or a specific high-density connector assembly depending on the manufacturer (often associated with brands like TE Connectivity or Amphenol in specific industrial contexts). Below is a breakdown of the electronic and mechanical characteristics typical for this part class. --- ### 1. Technical Specifications This part is designed to bridge the gap between optical/high-speed serial ports and copper Ethernet infrastructure. | Parameter | Specification (Typical) | | :--- | :--- | | **Interface Type** | RJ45 (Copper) to SFP/SFP+ (Host) | | **Data Rate** | 10/100/1000 Mbps (Up to 1.25 Gbps) | | **Cable Type** | Cat5e / Cat6 / Cat6a | | **Reach** | Up to 100 meters | | **Supply Voltage** | 3.3V | | **Operating Temp** | 0°C to 70°C (Commercial Grade) | --- ### 2. Key Electronic Features #### A. Integrated PHY (Physical Layer) Chip Inside the metal housing, there is a specialized Integrated Circuit (IC) that performs the following functions: * **Serialization/Deserialization (SerDes):** It converts the serial data from the SFP host into the complex signaling required for copper Ethernet. * **Auto-Negotiation:** The chip communicates with the connected device to determine the highest common speed (e.g., 1000Base-T). #### B. Magnetics and Isolation The "R31-R2" suffix often denotes a specific revision of the internal magnetics. * **Transformers:** These provide galvanic isolation between the network cable and the delicate internal circuitry. * **Common Mode Chokes:** These are used to suppress Electromagnetic Interference (EMI) and ensure signal integrity. #### C. EEPROM (Identification) The module contains a small EEPROM chip accessible via an **I2C interface**. This chip stores "Vendor Data," which tells the host switch or router: * Part Number: M2REB-R31-R2 * Serial Number * Compatibility codes (to ensure the hardware accepts the module). --- ### 3. Application Use Cases 1. **Switch Expansion:** Adding a copper Ethernet port to a fiber-optic switch. 2. **Server Connectivity:** Connecting a high-speed server NIC (Network Interface Card) to a standard wall jack. 3. **Industrial Automation:** Linking PLCs (Programmable Logic Controllers) to a centralized fiber backbone. --- ### 4. Pinout Configuration (SFP Side) The electronic interface to the host follows the standard SFP 20-pin layout: | Pin | Symbol | Function | | :--- | :--- | :--- | | 1 | VeeT | Transmitter Ground | | 2 | TX_Fault | Transmitter Fault Indication | | 3 | TX_Disable | Optical/Signal Output Disable | | 4 | SDA | I2C Data Line (for EEPROM) | | 5 | SCL | I2C Clock Line (for EEPROM) | | 12/13 | RD-/RD+ | Receiver Differential Output | | 18/19 | TD+/TD- | Transmitter Differential Input | ---
    ✨ Follow-up Questions
    • ⤷What are the primary differences between the R31-R2 revision and previous versions?
    • ⤷ Is this module hot-swappable in most industrial networking equipment?
    • ⤷ Does this part support Power over Ethernet (PoE) pass-through?