Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2REB-R52-R2/CE

  • AI
    The **M2REB-R52-R2/CE** is a specialized electronic component, typically categorized as a **Magnetic Rotary Encoder Board** or a sensor module used in precision industrial motion control. It is frequently associated with robotic actuators, servo motors, and high-accuracy positioning systems. Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Functionality This part serves as a feedback mechanism for motors. It converts the angular position of a magnetic rotor into an electrical signal that a controller can interpret to determine speed, direction, and position. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Type** | Magnetic Absolute/Incremental Encoder | | **Input Voltage** | Typically 5V DC (standard for TTL logic) | | **Output Interface** | RS422 / Differential Line Driver (indicated by "R2") | | **Resolution** | High resolution (often 12-bit to 16-bit range) | | **Compliance** | CE (European Conformity) Certified | --- ## 2. Key Electronic Components The board consists of several critical sub-components that work together to process magnetic fields into data: ### A. Magnetic Sensing Element The heart of the board is a Hall-effect sensor or a Magnetoresistive (MR) IC. * **Function:** It detects the change in the magnetic field vector as a permanent magnet rotates above it. ### B. Signal Processing ASIC The analog signals from the sensor are processed by an On-board Application Specific Integrated Circuit (ASIC). * **Interpolation:** It increases the resolution of the raw magnetic signal. * **A/D Conversion:** Converts analog sine/cosine waves into digital pulses. ### C. Line Driver (RS422) The "R2" suffix often refers to the communication protocol. * **Noise Immunity:** Uses differential signaling to ensure that data is not corrupted by electromagnetic interference (EMI) from the motor. * **Transmission:** Allows for long cable runs between the encoder and the PLC or Motor Drive. --- ## 3. Connector Pinout (Typical) While exact pinouts can vary by manufacturer (often used in Mitsubishi or specialized robotic joints), the electronic interface generally follows this structure: | Pin Name | Function | | :--- | :--- | | **VCC / 5V** | Positive Power Supply | | **GND** | 0V Reference | | **A+ / A-** | Incremental Channel A (Differential) | | **B+ / B-** | Incremental Channel B (Differential) | | **Z+ / Z-** | Index Pulse (Reference Mark) | | **Shield** | EMI Protection / Grounding | --- ## 4. Application Context The **CE** marking indicates the board meets electromagnetic compatibility (EMC) standards, making it suitable for: 1. **Collaborative Robots (Cobots):** Joint position monitoring. 2. **CNC Machinery:** Precise spindle or axis feedback. 3. **Automated Guided Vehicles (AGVs):** Steering and wheel speed control.
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM supported by the M2REB-R52-R2/CE sensor?
    • ⤷ Does this encoder board require a specific magnet type for the rotor?
    • ⤷ How do I troubleshoot a 'Signal Loss' error with this specific board?