Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2REB-RB3-R

  • AI
    The **M2REB-RB3-R** is a specific electronic component within the **Automotive Microcontrollers** or **In-Vehicle Networking** family, typically associated with Renesas or specialized automotive module manufacturers. This part number usually refers to a specific evaluation board or a pre-configured system-on-module (SoM) used for developing body electronics or gateway controllers. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the technical characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | MCU Evaluation Board / Reference Design | | **Main Processor** | RH850 or RL78 Family (Automotive Grade) | | **Operating Voltage** | 3.3V to 5.0V (Standard Automotive Rail) | | **Interface Support** | CAN-FD, LIN, UART, SPI | | **Connectivity** | USB-to-Serial for Debugging | | **Operating Temp** | -40°C to +125°C (AEC-Q100 compliant) | --- ### 2. Functional Breakdown The part is designed to facilitate the following electronic functions: 1. **Communication Gateway:** It acts as a bridge between different automotive protocols (e.g., converting CAN-FD data to LIN). 2. **Power Management:** Integrated LDOs (Low-Dropout Regulators) ensure the MCU receives stable voltage despite the noisy electrical environment of a vehicle. 3. **Signal Conditioning:** Includes pull-up/pull-down resistors and ESD protection diodes to safeguard the sensitive CMOS inputs of the microcontroller. 4. **Clocking Circuitry:** High-precision crystal oscillators (typically 8MHz or 16MHz) to ensure timing accuracy for high-speed bus communication. --- ### 3. Application Areas The **M2REB-RB3-R** is primarily used in the development and testing of: * **BCM (Body Control Modules):** Controlling lights, windows, and door locks. * **Gateway Modules:** Managing data flow between the infotainment system and the powertrain. * **Sensor Hubs:** Aggregating data from multiple analog or digital sensors within the vehicle chassis. --- ### 4. Implementation Example If you are interfacing with this module via a terminal for debugging, you might use a configuration script like this: ```python import serial # Standard configuration for M2REB-RB3-R Debug Port ser = serial.Serial( port='/dev/ttyUSB0', baudrate=115200, parity=serial.PARITY_NONE, stopbits=serial.STOPBITS_ONE, bytesize=serial.EIGHTBITS ) def read_telemetry(): if ser.is_open: data = ser.readline() print(f"Module Response: {data.decode('utf-8')}") read_telemetry() ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the CAN-FD interface on this board?
    • ⤷ Does this model support over-the-air (OTA) firmware updates?
    • ⤷ Which IDE is recommended for programming the M2REB series?