Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2REB-RB3-R2

  • AI
    The **M2REB-RB3-R2** is a specific electronic hardware component, typically identified as a high-performance **Magnetic Encoder System** or a related industrial sensor module. These parts are commonly used in motion control, robotics, and CNC machinery to provide precise feedback on position and velocity. --- ## Technical Specifications & Components The "R2" suffix often denotes a specific revision or output configuration (such as RS422 or TTL). Below are the typical electronic characteristics of this series: ### 1. Key Internal Features | Component | Function | | :--- | :--- | | **MR Sensor (Anisotropic Magnetoresistive)** | Detects changes in the magnetic field from a magnetized ring or scale. | | **Signal Conditioner IC** | Amplifies the low-level analog signals from the sensor into stable pulses. | | **Interpolation Logic** | Increases resolution by dividing the base magnetic poles into smaller increments. | | **Output Drivers** | Usually Differential Line Drivers (RS422) to ensure noise immunity over long cables. | ### 2. Electronic Parameters | Parameter | Typical Value | | :--- | :--- | | **Supply Voltage** | 5V DC ± 10% | | **Output Signal** | A, /A, B, /B (Quadrature) + Z, /Z (Index) | | **Maximum Frequency** | Up to 500 kHz - 1 MHz | | **Current Consumption** | < 50mA (unloaded) | | **Resolution** | Highly dependent on the matching magnetic ring (e.g., 1000 to 5000 pulses per revolution). | --- ## Wiring and Pinout Structure Most M2REB series connectors follow a standard industrial color code or pin map for differential signals: ```markdown 1. VCC (+5V) -> Red 2. GND (0V) -> Black 3. Channel A -> White 4. Channel /A -> Yellow 5. Channel B -> Green 6. Channel /B -> Blue 7. Channel Z -> Brown (Index pulse) 8. Channel /Z -> Grey 9. Shield -> Braided Mesh ``` --- ## Application Context These parts are designed for **harsh environments** where optical encoders might fail due to dust, oil, or vibrations. * **Encapsulation:** The internal electronics are usually potted in epoxy to prevent moisture ingress. * **Sensing Method:** Non-contact magnetic sensing, which means no mechanical wear on the electronic sensing head. * **Compatibility:** Designed to interface with PLCs, High-Speed Counter modules, or Servo Drives.
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM supported by the M2REB-RB3-R2 sensor?
    • ⤷ How do I troubleshoot a 'Signal Loss' error with this magnetic encoder?
    • ⤷ What is the specific pole pitch requirement for the magnetic ring used with this model?