Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2REB-RBC-P

  • AI
    The **M2REB-RBC-P** is a specific part number typically associated with the **M2 Series** of industrial connectors, specifically those manufactured by companies like **Souriau (Esterline/Eaton)** or similar high-reliability connector brands. It is designed for harsh environments, often used in aerospace, defense, or industrial automation. ### 1. Part Number Breakdown While specific manufacturer prefixes can vary, the nomenclature generally follows this logic: | Segment | Meaning | Description | | :--- | :--- | :--- | | **M2** | Series Designation | High-performance circular or rectangular industrial series. | | **REB** | Body Type | Often refers to a Receptacle or Rear-mounting configuration. | | **RBC** | Contact Type | Generally indicates "Reduced Body" or "Rear Release" Crimp contacts. | | **P** | Gender/Pin | Indicates **Male Pins** (as opposed to S for female sockets). | --- ### 2. Key Electronic & Mechanical Features These components are engineered for durability. Below are the primary specifications common to this class of electronics: * **Contact Material:** High-conductivity copper alloy, typically plated with **Gold over Nickel** to prevent oxidation and ensure low contact resistance. * **Insulation Resistance:** Usually rated at **5000 MΩ minimum**, ensuring no leakage between adjacent pins. * **Voltage Rating:** Designed to handle standard industrial voltages (typically up to 500V AC/DC depending on the insert arrangement). * **Operating Temperature:** Robust thermal range, often from **-55°C to +125°C**. --- ### 3. Application Use-Cases The M2 series is utilized in systems where failure is not an option: 1. **Avionics:** Connection points for flight control systems. 2. **Robotics:** Power and signal transmission in multi-axis robotic arms. 3. **Marine:** Salt-spray resistant housings for naval electronics. 4. **Sensors:** Interfacing industrial PLCs with field sensors. --- ### 4. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Mounting Type** | Panel Mount / Rear Mounting | | **Termination Style** | Crimp (removable) | | **Coupling** | Bayonet or Threaded (depending on shell) | | **Durability** | 500+ Mating Cycles | | **Environmental Protection** | IP67/IP68 when mated | ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible crimping tools for M2REB-RBC-P pins?
    • ⤷ Does this part number comply with MIL-DTL specifications?
    • ⤷ What is the specific shell size and insert arrangement for this model?