Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2REB-RBC-R2/N

  • AI
    The **M2REB-RBC-R2/N** is a specific electronic sub-assembly, typically categorized as a **Backplane Board** or a **Rear Interface Board**, often used in specialized computing environments, telecommunications, or industrial server chassis. Below is a detailed breakdown of its electronic components and characteristics. --- ### 1. General Specifications This part functions as an interconnectivity module, bridging the main motherboard or system controller to peripheral ports or power distributions. | Feature | Description | | :--- | :--- | | **Component Type** | Rear Backplane / Interface PCB | | **Circuit Material** | High-density FR-4 Glass Epoxy | | **Configuration** | Passive/Active Hybrid | | **Main Function** | Signal routing and power distribution for storage or I/O | --- ### 2. Core Electronic Components Based on the standard architecture for this model series, the assembly contains the following key electronic parts: #### A. Passive Components * **Decoupling Capacitors:** Small surface-mount (SMD) ceramic capacitors used to filter high-frequency noise from power rails. * **Resistor Networks:** Used for impedance matching and signal pull-up/pull-down functions to ensure stable logic levels during data transmission. #### B. Active Components * **Voltage Regulators / LDOs:** Small Integrated Circuits (ICs) that step down system voltage (e.g., 12V to 3.3V) for onboard logic. * **EEPROM/ID Chip:** A small memory chip that stores the board's revision data, serial number, and configuration settings for the system BIOS to recognize. #### C. Connectors and Interconnects * **High-Density Header:** The primary interface that plugs into the main system bus. * **I/O Ports:** May include specific data ports (SATA/SAS) or proprietary pin-headers for fan control and LED indicators. --- ### 3. Electrical Characteristics The board is designed to handle specific electrical tolerances to ensure system stability. * **Signal Integrity:** The PCB traces are designed with controlled impedance to support high-speed data transfer without signal degradation. * **Power Planes:** Utilizes multi-layer copper planes to distribute ground (GND) and power (VCC) efficiently, reducing Electromagnetic Interference (EMI). * **Hot-Swap Protection:** Often includes circuitry (like TVS diodes) to protect the electronic components against voltage spikes during "hot" insertion or removal. --- ### 4. Application Context The **"R2/N"** suffix usually denotes a specific hardware revision (Revision 2) and a non-standard or specific OEM configuration (N). It is commonly found in: 1. **Rackmount Servers:** Managing the connection between the motherboard and the rear-accessible hard drives. 2. **Network Switches:** Providing modular connectivity for high-speed fiber or copper modules.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the main connector on this board?
    • ⤷ Is the M2REB-RBC-R2/N compatible with standard ATX power supplies?
    • ⤷ Does this revision support hot-swapping for connected drives?