Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2REB-RCD-R2

  • AI
    The **M2REB-RCD-R2** is a specialized electronic module, typically associated with industrial automation or specific redundant power/control systems (often found in networking or high-availability server environments). While it is a specific SKU, its electronic architecture follows standard industrial design principles for reliability. --- ### 1. Core Electronic Components The board is comprised of several critical subsystems designed to manage power and signal integrity. | Component Category | Common Parts/Functions | Description | | :--- | :--- | :--- | | **Power Regulation** | DC-DC Converters / LDOs | Steps down input voltage (e.g., 12V or 48V) to logic levels (3.3V, 1.8V, 1.2V). | | **Logic Control** | CPLD or Microcontroller | Manages the sequencing, monitoring, and communication protocols (I2C/SMBus). | | **Protection** | TVS Diodes & Fuses | Protects the internal circuitry from voltage spikes and over-current events. | | **Connectors** | High-Density Gold Fingers | Provides low-resistance electrical contact for power and data transmission. | | **Passive Elements** | MLCC Capacitors & Inductors | Used for noise filtering and decoupling to ensure stable power delivery. | --- ### 2. Functional Architecture The "RCD" in the name often refers to **Redundancy, Control, and Distribution**. #### A. Redundancy Management The circuit likely contains **ORing Controllers** (MOSFET-based). These parts allow the module to switch between two power sources seamlessly. If one source fails, the controller detects the drop and activates the secondary path without interrupting the output. #### B. Monitoring (Telemetry) To ensure system health, the board utilizes **Digital Power Monitors** (like the INA series). These ICs measure: * **Voltage:** To ensure it stays within the ±5% tolerance. * **Current:** To detect potential shorts or overloads. * **Temperature:** Via thermistors to prevent thermal runaway. #### C. Signal Integrity Because these boards often sit in high-speed backplanes, the PCB layout includes: * **Differential Pair Routing:** For clocks and data signals to minimize EMI. * **Ground Planes:** Multiple layers of copper to provide a low-impedance return path. --- ### 3. Typical Specifications While specific datasheets are proprietary to the manufacturer (often associated with brands like Delta, Supermicro, or similar industrial vendors), they generally adhere to these specs: * **Input Voltage:** 12V DC (nominal). * **Communication:** I2C / PMBus for status reporting. * **Form Factor:** Proprietary mezzanine or "Riser" style. * **Compliance:** RoHS, UL94V-0 (flame retardant PCB). ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer or system this module belongs to?
    • ⤷ How do I troubleshoot a 'Power Good' signal failure on this board?
    • ⤷ Can you explain the pinout for the main interface connector?