Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2REB-RDA-PSLASHCE

  • AI
    The part number **M2REB-RDA-PSLASHCE** appears to be a specialized SKU, likely associated with industrial electronics or specific computer peripheral modules (often seen in legacy or industrial-grade hardware such as POS systems or custom interface boards). Below is a breakdown of the electronic components and characteristics generally associated with this type of equipment. ### 1. General Specification Table | Feature | Description | | :--- | :--- | | **Component Type** | Electronic Interface / Controller Board | | **Mounting Style** | Integrated / Internal Mounting | | **Standard Connectors** | Typically includes serial (RS232), USB, or proprietary headers | | **Application** | Industrial automation, POS systems, or specialized data processing | | **Voltage Requirements** | Usually 5V or 12V DC input | --- ### 2. Core Electronic Components In boards of this series, the following electronic architecture is standard: * **Microcontroller/Processor:** Acts as the brain of the board, managing data flow between the input peripherals and the host system. * **Voltage Regulators:** Integrated circuits (ICs) that step down system power to the levels required by sensitive logic chips (typically 3.3V). * **Passive Components:** * **Capacitors:** Surface-mount (SMD) ceramic capacitors for noise filtering. * **Resistors:** Used for pull-up/pull-down logic and current limiting. * **I/O Protection:** ESD protection diodes to prevent damage from static electricity during cable connection/disconnection. --- ### 3. Interface and Connectivity The "RDA" and "CE" suffixes in such part numbers often denote specific configurations: 1. **Communication Protocols:** These boards often bridge different protocols (e.g., converting TTL logic levels to RS232 standards). 2. **Form Factor:** Designed for slim-profile or ruggedized environments where standard consumer-grade connectors would fail due to vibration or dust. 3. **Firmware:** The "CE" designation often implies compatibility with Windows CE or similar embedded operating systems. --- ### 4. Technical Maintenance Considerations * **Thermal Management:** These boards are usually passively cooled. Ensure adequate airflow if mounted in a sealed enclosure. * **ESD Sensitivity:** Like all modern electronics, the board should only be handled in an anti-static environment to avoid damaging the CMOS components.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for this part number?
    • ⤷ Can this board be used in a standard Windows 10 environment?
    • ⤷ What are the pinout specifications for the RDA interface?